Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4093CS Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4093CS Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button EL4093CS Datasheet HTML 4Page - Renesas Technology Corp EL4093CS Datasheet HTML 5Page - Renesas Technology Corp EL4093CS Datasheet HTML 6Page - Renesas Technology Corp EL4093CS Datasheet HTML 7Page - Renesas Technology Corp EL4093CS Datasheet HTML 8Page - Renesas Technology Corp EL4093CS Datasheet HTML 9Page - Renesas Technology Corp EL4093CS Datasheet HTML 10Page - Renesas Technology Corp EL4093CS Datasheet HTML 11Page - Renesas Technology Corp EL4093CS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
EL4093
FN7159 Rev 0.00
Page 9 of 12
January 1996
Autozero Interface
The autozero interface refers to the connection between the
S/H output and the CFA inverting input. This interface has
been greatly simplified compared to that of the EL2090, in that
the S/H output is a high impedance current source. The S/H
output can be connected directly to the inverting input, and its
high impedance greatly reduces the interaction between the
sample & hold and the gain setting resistors. Another virtue of
this interface is better gain linearity as the autozero current
changes. For example, at an autozero current of 0mA the
output impedance is about 5M
, dropping to 1M as the
autozero current increases to 3mA. Using RF = RG = 750,
the closed loop gain changes only by 0.025% in this interval.
Autozero Range
The autozero range is defined as the difference between the
input DC level and the reference voltage to restore to. The size
of this range is a function of the gain setting resistors used and
the S/H output current swing. For a gain of +2 the optimum
feedback resistor is 750
, and the available S/H output current
is ±5.5mA minimum. To determine the autozero range for this
case, we refer to Figure 3 below.
Suppose that the input DC level is +VDC, and that the
reference voltage is 0V. We know that in feedback, the
following two conditions will exist on the CFA: first, its output
will be equal to 0V (due to autozero), and second, its VIN-
voltage is equal to the VIN+ voltage (i.e. VIN- = +VDC). So we
have a potential difference of +VDC across both RF and RG,
resulting in a current IRF = IRG = VDC/750 that must flow into
each of them. This current IAZ = (IRF + IRG) must come from
the S/H output. Since the maximum that IAZ can be is 5.5mA,
we can solve for VDC using the following:
and see that VDC = ±2V. This range can easily accommodate
most video signals.
As another example, consider the case where we are restoring
to a reference voltage of +0.75V. Using the same reasoning as
above, a current IRF = (VDC - 0.75V)/RF must flow through RF,
and a current IRG = VDC/RG must go into RG. Again, our
boundary condition is that IRF + IRG  ±5.5mA, and we can
solve for the allowable VDC values using the following:
Hence VDC must be between +2.4V to -1.7V. This example
illustrates that when the reference changes, the autozero
range also changes. In general, the user should determine the
autozero range for his/her application, and ensure that the
input signal is within this range during the autozero period.
Autozero Loop Bandwidth
The gain-bandwidth product (GBWP) of the autozero loop is
determined by the size of the hold capacitor, the value of RF,
and the transconductances (gm’s) of the S/H amplifier. To
begin, the S/H amplifier is modeled as in Figure 4. First, the
input stage transconductance is represented by gm1, with the
compensation capacitor given by CHOLD. This stage’s GBWP
is thus gm1/(2
 • CHOLD) = 1/(2 • (350)(2.2nF)) = 207kHz.
Next, since the S/H has a current output, its output stage can
be modeled as a transconductance gm2, in this case having a
value of 1/(500
). The current from gm2 then flows through
the I to V converter made up of the CFA and RF to produce a
voltage gain. Thus the GBWP of the overall loop is given by:
+2
750
300
0
+5
470
294
0.2
-1
680
300
0
GAIN
OPTIMUM RF
BW (MHz)
PEAKING (dB)
FIGURE 3.
IAZ
5.5mA
2
VDC
750
---------------


=
=
5.5mA
VDC 0.75V
–
750
----------------------------------
VDC
750
---------------
+
=
GBWP
gm1
2
 CHOLD
---------------------------------
gm2 RF

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com