Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4093CS Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4093CS Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button EL4093CS Datasheet HTML 4Page - Renesas Technology Corp EL4093CS Datasheet HTML 5Page - Renesas Technology Corp EL4093CS Datasheet HTML 6Page - Renesas Technology Corp EL4093CS Datasheet HTML 7Page - Renesas Technology Corp EL4093CS Datasheet HTML 8Page - Renesas Technology Corp EL4093CS Datasheet HTML 9Page - Renesas Technology Corp EL4093CS Datasheet HTML 10Page - Renesas Technology Corp EL4093CS Datasheet HTML 11Page - Renesas Technology Corp EL4093CS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
FN7159 Rev 0.00
Page 12 of 12
January 1996
EL4093
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2003. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
If the video does not contain any AC components during the
autozero level (e.g. RGB video), then the above networks
are not needed and the CFA output can be connected
directly to the S/H input.
Power Dissipation
The EL4093 current feedback amplifier has an absolute
maximum of ±30mA output current drive. This is slightly
more than the current required to drive ±2V into 75
. To see
how much the junction temperature is raised in this worst
case, we refer to the equations below:
TJMAX = TMAX + (JA • PDMAX)
where:
TMAX = Maximum Ambient Temperature
JA = Thermal Resistance of the Package
PDMAX = Maximum Power Dissipation of the CFA and
S/H amplifier in the Package
PDMAX for either the CFA or the S/H amplifier can be
calculated as follows:
PDMAX = (2•VS•ISMAX) + (VS - VOUTMAX) •
(VOUTMAX/RL)
where:
VS = Supply Voltage
ISMAX = Maximum Supply Current of Amplifier
VOUTMAX = Maximum Output Voltage of Application
RL = Load Resistance
For the EL4093, the maximum supply current is 11.5mA on
VS = ±5V. Assume that in the worst case, the CFA output
swings ±2V into 75
. Since the S/H has a current output, we
assume that it is at maximum current swing (±5.5mA) but at
a mid-rail output voltage (0V). With the above assumptions,
PDMAX for the EL4093 is 223mW, and using the thermal
resistance of a narrow SO package (120°C/W), this yields a
temperature increase of 27°C. Since the maximum ambient
temperature is 85°C, the resulting junction temperature of
112°C is still below the maximum.
Please note that this in addition to metal migration problems.
FIGURE 8. LOWPASS FILTER DELAYS INPUT TO SAMPLE AND HOLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com