Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL4093CS Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # EL4093CS
Description  300MHz DC-Restored Video Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL4093CS Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button EL4093CS Datasheet HTML 4Page - Renesas Technology Corp EL4093CS Datasheet HTML 5Page - Renesas Technology Corp EL4093CS Datasheet HTML 6Page - Renesas Technology Corp EL4093CS Datasheet HTML 7Page - Renesas Technology Corp EL4093CS Datasheet HTML 8Page - Renesas Technology Corp EL4093CS Datasheet HTML 9Page - Renesas Technology Corp EL4093CS Datasheet HTML 10Page - Renesas Technology Corp EL4093CS Datasheet HTML 11Page - Renesas Technology Corp EL4093CS Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
EL4093
FN7159 Rev 0.00
Page 10 of 12
January 1996
With RF = 750, a GBWP of 310kHz is obtained. Note
however that this is the small signal GBWP. As mentioned
earlier, the sample and hold has special boost circuits built in
which provides ±8.5mA of charge current during full slew.
These boost circuits turn on when the S/H input differential
voltage exceeds ±50mV. When the boosters are turned on,
gm1 greatly increases and the circuit becomes nonlinear. Thus
some stability issues are associated with the boosters, and
they will be addressed in a later section.
Charge Injection and Hold Step
Charge injection refers to the charge transferred to the hold
capacitor when switching to the HOLD mode. The charge
should ideally be 0, but due to stray capacitive coupling and
other effects, is typically 0.1pC in the EL4093. This charge
changes the hold capacitor voltage by
V = Q/CHOLD, and
this
V is multiplied by the output stage transconductance
(gm2) to produce a change in S/H output current. This last
quantity is listed as the spec
ISTEP, and is calculated using
the following:
For CHOLD = 2.2nF and gm2 = 1/(500), ISTEP has a typical
value of 100nA. This change in S/H output current flows
through RF, shifting the CFA output voltage. However, as we
shall soon see, this shift is negligible. Assuming RF =750,
ISTEP is impressed across RF to give (750)(100nA) =
0.08mV of change at the CFA output.
Droop Rate
When the S/H amplifier is in HOLD mode, there is a small
current that leaks from the switch into the hold capacitor. This
quantity is termed the droop current, and is typically 10nA in
the EL4093. This droop current produces a ramp in the hold
capacitor voltage, which in turn produces a similar effect at the
CFA output. The Droop Rate at the CFA output can be found
using the equation below:
Assuming RF = 750 and CHOLD = 2.2nF, the drift in the CFA
output due to droop current is about 7µV/µs. Recall that in
NTSC applications, there is about 60µs between autozero
periods. Thus there is 7µV/µs(60µs) = 0.4mV, or less than 0.1
IRE, of drift over each NTSC scan line. This drift is negligible in
most applications.
Choice of Hold Capacitor
The EL4093 has been designed to work with a hold capacitor
of 2.2nF. With this value of CHOLD, the droop rate and hold
step are negligibly small for most applications. In addition, with
the special boost circuits inside the S/H, fast acquisition is
possible even using a hold capacitor of this size. Figure 5
shows the input and output of the DC-restored amplifier while
the S/H is in sample mode. Applying a +1V step to the non-
inverting input of the CFA, the output of the CFA jumps to +2V.
The S/H, however, then tries to autozero the system by driving
the CFA output back to the reference voltage. Since the input
differential across the S/H is initially +2V, the boost circuits turn
on and supply 8.5mA of charge current to the hold capacitor.
The boost circuit remains on until the CFA output has come to
within 50mV of the reference. Note that this event took only
320ns; settling to within 1% of the final value takes another
2µs. Thus for a 1V input step, acquisition takes only one to two
NTSC scan lines.
FIGURE 4.
ISEP
Q
CHOLD
--------------------

 gm2
=
Droop
IDROOP
CHOLD
----------------------
gm2 RF

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com