Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CSZ Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # EL5244CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5244CSZ Datasheet(HTML) 4 Page - Renesas Technology Corp

  EL5244CSZ Datasheet HTML 1Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 2Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 3Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 4 of 24
March 31, 2011
s
Pinouts
EL5144
(5 LD SOT-23)
TOP VIEW
EL5146
(8 LD SO, PDIP)
TOP VIEW
EL5244
(8 LD SOIC, PDIP, MSOP)
TOP VIEW
EL5246
(10 LD MSOP)
TOP VIEW
EL5246
(14 LD SOIC, PDIP)
TOP VIEW
EL5444
(14 LD SOIC, PDIP)
TOP VIEW
EL5444
(16 LD QSOP)
TOP VIEW
1
2
3
5
4
-
+
OUT
GND
IN+
VS
IN-
1
2
3
4
8
7
6
5
-
+
NC
IN-
IN+
GND
CE
VS
OUT
NC
1
2
3
4
8
7
6
5
-
+
INB-
OUTB
INA-
INA+
GND
INB+
VS
OUTA
-
+
1
2
3
4
6
5
10
9
8
7
-
+
-
+
INA-
OUTA
VS
OUTB
INB-
INA+
CEA
GND
CEB
INB+
1
2
3
4
14
13
12
11
5
6
7
10
9
8
-
+
-
+
NC
OUTA
INA-
OUTB
NC
INB-
VS
NC
CEA
INA+
CEB
NC
INB+
GND
1
2
3
4
14
13
12
11
5
6
7
10
9
8
INA-
INA+
OUTA
INB+
INB-
OUTB
VS
IND+
IND-
OUTD
INC-
INC+
OUTC
GND
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
IND+
IND-
GND
OUTD
INC-
INC+
OUTC
GND
INA-
INA+
VS
OUTA
INB+
INB-
OUTB
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com