Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL5244CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5244CSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL5244CSZ Datasheet HTML 1Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 2Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 3Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
FN7177 Rev 2.00
Page 1 of 24
March 31, 2011
FN7177
Rev 2.00
March 31, 2011
EL5144, EL5146, EL5244, EL5246, EL5444
100MHz Single-Supply Rail-to-Rail Amplifiers
DATASHEET
The EL5144 series amplifiers are voltage-feedback, high
speed, rail-to-rail amplifiers designed to operate on a single
+5V supply. They offer unity gain stability with an unloaded
-3dB bandwidth of 100MHz. The input common-mode
voltage range extends from the negative rail to within 1.5V of
the positive rail. Driving a 75W double terminated coaxial
cable, the EL5144 series amplifiers drive to within 150mV of
either rail. The 200V/µs slew rate and 0.1%/0.1° differential
gain/differential phase makes these parts ideal for composite
and component video applications. With their voltage
feedback architecture, these amplifiers can accept reactive
feedback networks, allowing them to be used in analog
filtering applications These amplifiers will source 90mA and
sink 65mA.
The EL5146 and EL5246 have a power-savings disable
feature. Applying a standard TTL low logic level to the CE (Chip
Enable) pin reduces the supply current to 2.6µA within 10ns.
Turn-on time is 500ns, allowing true break-before-make
conditions for multiplexing applications. Allowing the CE pin to
float or applying a high logic level will enable the amplifier.
For applications where board space is critical, singles are
offered in a 5 Ld SOT-23 package, duals in 8 Ld and 10 Ld
MSOP packages, and quads in a 16 Ld QSOP package.
Singles, duals, and quads are also available in industry
standard pinouts in SO and PDIP packages. All parts operate
over the industrial temperature range of -40°C to +85°C.
Features
• Rail-to-rail output swing
• -3dB bandwidth = 100MHz
• Single-supply +5V operation
• Power-down to 2.6µA
• Large input common-mode range 0V < VCM < 3.5V
• Diff gain/phase = 0.1%/0.1°
• Low power 35mW per amplifier
• Space-saving SOT23-5, 8 Ld MSOP and 10 Ld MSOP,
and 16 Ld QSOP packages
• Pb-Free available (RoHS compliant)
Applications
• Video amplifiers
• 5V analog signal processing
• Multiplexers
• Line drivers
• Portable computers
• High speed communications
• Sample and hold amplifiers
• Comparators
OBS
OLET
E
PRO
DUC
T
RECO
MME
NDED
REPL
ACEM
ENT
EL51
44
EL51
46
EL52
44
EL52
46
EL54
44
EL81
01
EL81
00
EL82
01
EL82
00
EL84
01


Similar Part No. - EL5244CSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5244CSZ INTERSIL-EL5244CSZ Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
EL5244CSZ-T13 INTERSIL-EL5244CSZ-T13 Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
EL5244CSZ-T7 INTERSIL-EL5244CSZ-T7 Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
More results

Similar Description - EL5244CSZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA343 BURR-BROWN-OPA343 Datasheet
206Kb / 10P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Intersil Corporation
EL5144 INTERSIL-EL5144 Datasheet
499Kb / 19P
100MHz Single-Supply Rail-to-Rail Amplifiers
April 13, 2005
logo
Texas Instruments
OPA340-EP TI-OPA340-EP Datasheet
600Kb / 17P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Texas Instruments
LMH6611 TI1-LMH6611 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
LMH6612 TI1-LMH6612 Datasheet
2Mb / 42P
Single Supply 345 MHz Rail-to-Rail Output Amplifiers
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Texas Instruments
OPA340-EP TI-OPA340-EP_15 Datasheet
550Kb / 19P
SINGLE-SUPPLY RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA344 TI1-OPA344 Datasheet
1Mb / 30P
LOW POWER, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
OPA343 TI1-OPA343_14 Datasheet
862Kb / 16P
SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com