Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CSZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # EL5244CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5244CSZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button EL5244CSZ Datasheet HTML 3Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 9Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 10Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 7 of 24
March 31, 2011
FIGURE 3. INVERTING FREQUENCY RESPONSE (GAIN)
FIGURE 4. INVERTING FREQUENCY RESPONSE (PHASE)
FIGURE 5. 3dB BANDWIDTH vs DIE TEMPERATURE FOR
VARIOUS GAINS
FIGURE 6. 3dB BANDWIDTH VS DIE TEMPERATURE FOR
VARIOUS GAINS
FIGURE 7. FREQUENCY RESPONSE FOR VARIOUS RL
FIGURE 8. FREQUENCY RESPONSE FOR VARIOUS CL
Typical Performance Curves
1M
10M
FREQUENCY (Hz)
100M
0
2
-4
-2
-8
-6
AV = -5.6
AV = -1
VCM = 1.5V
RF = 1k
RL = 150
AV = -2
1M
10M
FREQUENCY (Hz)
100M
135
180
45
90
0
AV = -5.6
VCM = 1.5V
RF = 1k
RL = 150
AV = -1
AV = -2
-55
25
DIE TEMPERATURE (°C)
145
-15
65
105
80
100
40
60
0
20
AV = 1, RF = 0
AV = 2, RF = 1k
AV = 5.6, RF = 1k
RL = 150
-55
25
DIE TEMPERATURE (°C)
145
-15
65
105
120
150
60
90
0
30
RL = 10k
AV = 1, RF = 0
AV = 2, RF = 1k
AV = 5.6, RF = 1k
VCM = 1.5V
RF = 0
AV = 1
1M
10M
FREQUENCY (Hz)
100M
2
4
-2
0
-4
RL = 10k
RL = 520
RL= 150
1M
10M
FREQUENCY (Hz)
100M
4
8
-4
0
-8
CL=100pF
VCM = 1.5V
RL = 150
AV = 1
CL= 47pF
CL = 22pF
CL = 0pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com