Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5244CSZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # EL5244CSZ
Description  100MHz Single-Supply Rail-to-Rail Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5244CSZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  EL5244CSZ Datasheet HTML 1Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 2Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 3Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 4Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 5Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 6Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 7Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 8Page - Renesas Technology Corp EL5244CSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
EL5144, EL5146, EL5244, EL5246, EL5444
FN7177 Rev 2.00
Page 5 of 24
March 31, 2011
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS and GND. . . . . . . . . . . . . . . . . . . . .+6V
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . GND -0.5V to VS +0.5V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
Operating Conditions
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS = +5V, GND = 0V, TA = +25°C, CE = +2V, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
dG
Differential Gain Error (Note 1)
G = 2, RL = 150 to 2.5V, RF = 1k
0.1
%
dP
Differential Phase Error (Note 1)
G = 2, RL = 150 to 2.5V, RF = 1k
0.1
°
BW
Bandwidth
-3dB, G = 1, RL = 10k RF = 0
100
MHz
-3dB, G = 1, RL = 150 RF = 0
60
MHz
BW1
Bandwidth
±0.1dB, G = 1, RL = 150 to GND, RF = 0
8
MHz
GBWP
Gain Bandwidth Product
60
MHz
SR
Slew Rate
G = 1, RL = 150 to GND, RF = 0, VO = 0.5V
to 3.5V
150
200
V/µs
tS
Settling Time
to 0.1%, VOUT = 0V to 3V
35
ns
DC PERFORMANCE
AVOL
Open Loop Voltage Gain
RL = no load, VOUT = 0.5V to 3V
54
65
dB
RL = 150 to GND, VOUT = 0.5V to 3V
40
50
dB
VOS
Offset Voltage
VCM = 1V, SOT23-5 and MSOP packages
25
mV
VCM = 1V, All other packages
15
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
10
mV/°C
IB
Input Bias Current
VCM = 0V and 3.5V
2
100
nA
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
CMRR
47dB
0
3.5
V
CMRR
Common Mode Rejection Ratio
DC, VCM = 0 to 3.0V
50
60
dB
DC, VCM = 0 to 3.5V
47
60
dB
RIN
Input Resistance
1.5
G
CIN
Input Capacitance
1.5
pF
OUTPUT CHARACTERISTICS
VOP
Positive Output Voltage Swing
RL = 150 to 2.5V (Note 2)
4.70
4.85
V
RL = 150 to GND (Note 2)
4.20
4.65
V
RL = 1k to 2.5V (Note 2)
4.95
4.97
V
VON
Negative Output Voltage Swing
RL = 150 to 2.5V (Note 2)
0.15
0.30
V
RL = 150 to GND (Note 2)
0
V
RL = 1k to 2.5V (Note 2)
0.03
0.05
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com