Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28107 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 13Page - Renesas Technology Corp ISL28107 Datasheet HTML 14Page - Renesas Technology Corp ISL28107 Datasheet HTML 15Page - Renesas Technology Corp ISL28107 Datasheet HTML 16Page - Renesas Technology Corp ISL28107 Datasheet HTML 17Page - Renesas Technology Corp ISL28107 Datasheet HTML 18Page - Renesas Technology Corp ISL28107 Datasheet HTML 19Page - Renesas Technology Corp ISL28107 Datasheet HTML 20Page - Renesas Technology Corp ISL28107 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.00
Page 17 of 31
September 29, 2015
FIGURE 39. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL =10k
CL = 10pF
FIGURE 40. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL = 10k
CL = 100pF
FIGURE 41. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
FIGURE 42. FREQUENCY RESPONSE vs FEEDBACK RESISTANCE
Rf/Rg
FIGURE 43. GAIN vs FREQUENCY vs RL
FIGURE 44. GAIN vs FREQUENCY vs RL
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise specified. (Continued)
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m 1 10 100 1k 10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 10pF
GAIN
PHASE
FREQUENCY (Hz)
-100
-80
-60
-40
-20
0
20
40
60
80
100
120
140
160
180
200
0.1m 1m 10m 100m 1 10 100 1k 10k 100k 1M 10M 100M
RL = 10k
SIMULATION
CL = 100pF
GAIN
PHASE
FREQUENCY (Hz)
100k
1M
10M
10
10k
1k
100
-20
-10
0
10
20
30
40
50
60
70
AV = 1
AV = 100
AV = 1000
V+ = ±20V
VOUT = 100mVP-P
CL = 4pF
RL = 10k
AV = 10
Rg = 1k, Rf = 100k
Rg = 100, Rf = 100k
Rg = OPEN, Rf = 0
Rg = 10k, Rf = 100k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-12
-10
-8
-6
-4
-2
0
2
4
6
8
Rf = Rg = 100
Rf = Rg = 10k
Rf = Rg = 1k
V+ = ±5V
RL = 10k
AV = +2
VOUT = 10mVP-P
CL = 4pF
Rf = Rg = 100k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V+ = ±5V
AV = +1
VOUT = 10mVP-P
CL = 4pF
RL = 1k
RL = 499
RL = 10k
RL = 100k
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
V+ = ±20V
AV = +1
VOUT = 100mVP-P
CL = 4pF
RL = 10k
RL = 100k
RL = 1k
RL = 499



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com