Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28107 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 16Page - Renesas Technology Corp ISL28107 Datasheet HTML 17Page - Renesas Technology Corp ISL28107 Datasheet HTML 18Page - Renesas Technology Corp ISL28107 Datasheet HTML 19Page - Renesas Technology Corp ISL28107 Datasheet HTML 20Page - Renesas Technology Corp ISL28107 Datasheet HTML 21Page - Renesas Technology Corp ISL28107 Datasheet HTML 22Page - Renesas Technology Corp ISL28107 Datasheet HTML 23Page - Renesas Technology Corp ISL28107 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.00
Page 20 of 31
September 29, 2015
The resistor-ESD diode configuration enables a wide differential
input voltage range equal to the lesser of the Maximum Supply
Voltage in the “Absolute Maximum Ratings” on page 6 (42V), or a
maximum of 0.5V beyond the V+ and V- supply voltage. The
internal protection resistors eliminate the need for external input
current limiting resistors in unity gain connections and other
circuit applications where large voltages or high slew rate signals
are present. Although the amplifier is fully protected, high input
slew rates that exceed the amplifier slew rate (±0.32V/µs) may
cause output distortion.
Output Current Limiting
The output current is internally limited to approximately ±40mA
at +25°C and can withstand a short circuit to either rail as long
as the power dissipation limits are not exceeded. This applies to
only one amplifier at a time for the dual op-amp. Continuous
operation under these conditions may degrade long-term
reliability.
Output Phase Reversal
Output phase reversal is a change of polarity in the amplifier
transfer function when the input voltage exceeds the supply
voltage. The ISL28107, ISL28207 and ISL28407 are immune to
output phase reversal, even when the input voltage is 1V beyond
the supplies.
Unused Channels
If the application only requires one channel, the user must
configure the unused channels to prevent them from oscillating.
The unused channels can oscillate if the input and output pins
are floating. This results in higher than expected supply currents
and possible noise injection into the channel being used. The
proper way to prevent this oscillation is to short the output to the
inverting input and ground the positive input, as shown in
Figure 55.
Power Dissipation
It is possible to exceed the +150°C maximum junction
temperatures under certain load and power supply conditions. It
is therefore important to calculate the maximum junction
temperature (TJMAX) for all applications to determine if power
supply voltages, load conditions, or package type need to be
modified to remain in the safe operating area. These parameters
are related using Equation 1:
Where:
•PDMAXTOTAL is the sum of the maximum power dissipation of
each amplifier in the package (PDMAX)
PDMAX for each amplifier can be calculated using Equation 2:
where:
•TMAX = Maximum ambient temperature
•
JA = Thermal resistance of the package
•PDMAX = Maximum power dissipation of one amplifier
•VS = Total supply voltage
•IqMAX = Maximum quiescent supply current of one amplifier
•VOUTMAX = Maximum output voltage swing of the application
•RL = Load resistance
ISL28107, ISL28207, ISL28407 SPICE Model
Figure 56 shows the SPICE model schematic, and Figure 57 shows
the net list for the ISL28107, ISL28207 and ISL28407 SPICE
model. The model is a simplified version of the actual device and
simulates important AC and DC parameters. AC parameters
incorporated into the model are: 1/f and flatband noise, Slew
Rate, CMRR, Gain and Phase. The DC parameters are VOS, IOS,
total supply current and output voltage swing. The model uses
typical parameters given in the “Electrical Specifications” table
beginning on page 6. AVOL is adjusted for 155dB with the
dominant pole at 0.01Hz. CMRR is set (145dB, fcm = 100Hz). The
input stage models the actual device to present an accurate AC
representation. The model is configured for ambient temperature
of +25°C.
Figures 58 through 68 show the characterization vs simulation
results for the Noise Voltage, Closed Loop Gain vs Frequency,
Closed Loop Gain vs RL, Large Signal Step Response, Open Loop
Gain Phase and Simulated CMRR vs Frequency.
License Statement
The information in this SPICE model is protected under the
United States copyright laws. Intersil Corporation hereby grants
users of this macro-model hereto referred to as “Licensee”, a
nonexclusive, nontransferable licence to use this model as long
as the Licensee abides by the terms of this agreement. Before
using this macro-model, the Licensee should read this license. If
the Licensee does not accept these terms, permission to use the
model is not granted.
The Licensee may not sell, loan, rent, or license the macro-model,
in whole, in part, or in modified form, to anyone outside the
Licensee’s company. The Licensee may modify the macro-model
to suit his/her specific applications, and the Licensee may make
copies of this macro-model for use within their company only.
This macro-model is provided “AS IS, WHERE IS, AND WITH NO
WARRANTY OF ANY KIND EITHER EXPRESSED OR IMPLIED,
INCLUDING BUY NOT LIMITED TO ANY IMPLIED WARRANTIES OF
MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE.”
In no event will Intersil be liable for special, collateral, incidental, or
consequential damages in connection with or arising out of the
use of this macro-model. Intersil reserves the right to make
changes to the product and the macro-model without prior notice.
FIGURE 55. PREVENTING OSCILLATIONS IN UNUSED CHANNELS
-
+
TJMAX
TMAX JAxPDMAXTOTAL
+
=
(EQ. 1)
PDMAX
VS IqMAX VS
- VOUTMAX
VOUTMAX
RL
----------------------------
+
=
(EQ. 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com