Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28107 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 15Page - Renesas Technology Corp ISL28107 Datasheet HTML 16Page - Renesas Technology Corp ISL28107 Datasheet HTML 17Page - Renesas Technology Corp ISL28107 Datasheet HTML 18Page - Renesas Technology Corp ISL28107 Datasheet HTML 19Page - Renesas Technology Corp ISL28107 Datasheet HTML 20Page - Renesas Technology Corp ISL28107 Datasheet HTML 21Page - Renesas Technology Corp ISL28107 Datasheet HTML 22Page - Renesas Technology Corp ISL28107 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.00
Page 19 of 31
September 29, 2015
Applications Information
Functional Description
The ISL28107, ISL28207 and ISL28407 are single, dual and
quad, very low 1/f noise (14nV/
Hz @ 10Hz) precision op-amps.
These amplifiers feature very high open loop gain (50kV/mV) for
excellent CMRR (145dB) and gain accuracy. Both devices are
fabricated in a new precision 40V complementary bipolar DI
process.
The super-beta NPN input stage with bias current cancellation
provides bipolar-like levels of AC performance, with the low input
bias currents approaching JFET levels. The temperature
stabilization provided by bias current cancellation removes the
high input bias current temperature coefficient commonly found
in JFET amplifiers. Figures 9 and 10 show the input bias current
variation over temperature.
The input offset voltage (VOS) has a very low, worst case value of
75µV max at +25°C and a maximum TC of 0.65µV/°C. Figure 38
shows VOS as a function of supply voltage and temperature with
the common mode voltage at 0V for split supply operation.
The complementary bipolar output stage maintains stability
driving large capacitive loads (to 10nF) without external
compensation. The small signal overshoot vs. load capacitance is
shown in Figure 54.
Operating Voltage Range
The devices are designed to operate over the 4.5V (±2.25V) to
40V (±20V) range and are fully characterized at 10V (±5V) and
30V (±15V). Both DC and AC performance remain virtually
unchanged over the complete 4.5V to 40V operating voltage
range. Parameter variation with operating voltage is shown in the
“Typical Performance Curves” beginning on page 11. The input
common mode voltage range sensitivity to temperature is shown
in Figure 38 (±15V).
Input ESD Diode Protection
The input terminals (IN+ and IN-) each have internal ESD
protection diodes to the positive and negative supply rails, a series
connected 500
 current limiting resistor followed by an
anti-parallel diode pair across the input NPN transistors (Circuit 1
in “Pin Descriptions” on page 4).
FIGURE 51. SMALL SIGNAL TRANSIENT RESPONSE VS = ±5V,
±15V, ±20V
FIGURE 52. POSITIVE OUTPUT OVERLOAD RESPONSE TIME,
VS =±15V
FIGURE 53. NEGATIVE OUTPUT OVERLOAD RESPONSE TIME, VS =
±15V
FIGURE 54. % OVERSHOOT vs LOAD CAPACITANCE, VS = ±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise specified. (Continued)
TIME (µs)
-0.08
-0.06
-0.04
-0.02
0.00
0.02
0.04
0.06
0.08
0
5
10
15
20
25
30
35
40
RL = 2k, 10k
AV = 1
CL = 4pF
VOUT = 100mVP-P
VS = ±5V, ±15V, ±20V
TIME (µs)
-0.06
-0.02
0.02
0.06
0.10
0.14
0.18
0.22
0.26
0
20
40
60
80
100 120 140 160 180 200
-1
1
3
5
7
9
11
13
15
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 4pF
Rf = 10k, Rg = 100
VIN = 200mVP-P
TIME (µs)
-0.26
-0.22
-0.18
-0.14
-0.10
-0.06
-0.02
0.02
0.06
0
20
40
60
80
100 120 140 160 180 200
-15
-13
-11
-9
-7
-5
-3
-1
1
INPUT
OUTPUT
VS = ±15V
RL = 10k
AV = 100
CL = 4pF
Rf = 10k, Rg = 100
VIN = 200mVP-P
CAPACITANCE (pF)
0
5
10
15
20
25
30
35
40
45
50
1
10
100
1,000
10,000
OV
ER
SH
OO
T -
VS = ±15V
RL = 10k
AV = 1
VOUT = 100mVP-P
OV
ER
SH
OO
T +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com