Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL28107 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # ISL28107
Description  Precision Single, Dual and Quad Low Noise Operational Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28107 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button ISL28107 Datasheet HTML 14Page - Renesas Technology Corp ISL28107 Datasheet HTML 15Page - Renesas Technology Corp ISL28107 Datasheet HTML 16Page - Renesas Technology Corp ISL28107 Datasheet HTML 17Page - Renesas Technology Corp ISL28107 Datasheet HTML 18Page - Renesas Technology Corp ISL28107 Datasheet HTML 19Page - Renesas Technology Corp ISL28107 Datasheet HTML 20Page - Renesas Technology Corp ISL28107 Datasheet HTML 21Page - Renesas Technology Corp ISL28107 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
ISL28107, ISL28207, ISL28407
FN6631 Rev 8.00
Page 18 of 31
September 29, 2015
FIGURE 45. GAIN vs FREQUENCY vs CL
FIGURE 46. GAIN vs FREQUENCY vs OUTPUT VOLTAGE
FIGURE 47. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
FIGURE 48. CROSSTALK vs FREQUENCY, VS = ±5V, ±15V
FIGURE 49. LARGE SIGNAL 10V STEP RESPONSE, VS = ±15V
FIGURE 50. LARGE SIGNAL TRANSIENT RESPONSE vs RL VS =±5V,
±15V
Typical Performance Curves V
S = ±15V, VCM = 0V, RL = Open, TA = +25°C unless otherwise specified. (Continued)
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-8
-6
-4
-2
0
2
4
6
8
VS = ±15V
RL = 10k
AV = +1
VOUT = 100mVP-P
CL = 334pF
CL = 104pF
CL = 224pF
CL = 51pF
CL = 4pF
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
VS = ±5V
AV = +1
RL = INF
CL = 4pF
VOUT = 1VP-P
VOUT = 500mVP-P
VOUT = 200mVP-P
VOUT = 100mVP-P
VOUT = 10mVP-P
VOUT = 50mVP-P
FREQUENCY (Hz)
100k
1M
10M
10k
1k
-16
-14
-12
-10
-8
-6
-4
-2
0
2
CL = 4pF
RL = 10k
AV = +1
VOUT = 100mVP-P
VS = ±20V
VS = ±2.25V
VS = ±5V
VS = ±15V
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
RL = 10k
AV = +1
VOUT = 1VP-P
CL = 4pF
VS = ±5V
VS = ±15V
-6
-4
-2
0
2
4
6
0
50
100
150
200
250
300
350
400
TIME (µs)
V+ = ±15V
AV = 11
CL = 4pF
VOUT = 10VP-P
Rf = 10k, Rg = 1k
RL = 10k
RL = 2k
0
5
10
15
20
25
30
TIME (µs)
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
AV = 1
CL = 4pF
VOUT = 4VP-P
35
VS = ±5V, ±15V, RL = 10k
VS = ±5V, ±15V, RL = 2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com