Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX6SLLCEC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 4 Page - NXP Semiconductors

  IMX6SLLCEC Datasheet HTML 1Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 2Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 3Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 4Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
4
NXP Semiconductors
Introduction
— Cortex-A9 NEON MPE (Media Processing Engine) co-processor
The Arm Cortex-A9 includes:
•
General Interrupt Controller (GIC) with 128 interrupt support
•
Global Timer
•
256 KB unified I/D L2 cache
•
Two Master AXI (64-bit) bus interfaces output of L2 cache
•
Frequency of the core (including NEON and L1 cache) as per Table 9, "Operating Ranges," on
page 19
•
NEON MPE coprocessor
— SIMD Media Processing Architecture
— NEON register file with 32x64-bit general-purpose registers
— NEON Integer execute pipeline (ALU, Shift, MAC)
— NEON dual, single-precision floating point execute pipeline (FADD, FMUL)
— NEON load/store and permute pipeline
The SoC-level memory system consists of the following additional components:
— Boot ROM, including HAB (96 KB)
— Internal multimedia / shared, fast access RAM (OCRAM, 128 KB)
•
External memory interfaces:
— 32-bit LPDDR2/LPDDR3
Each i.MX 6SLL processor enables the following interfaces to external devices (some of them are muxed
and not available simultaneously):
•
Display:
— EPDC, color, and monochrome E-INK, up to 2332x1650 resolution and 5-bit grayscale
— 24-bit parallel LCD
•
Expansion cards:
— Three MMC/SD/SDIO card ports all supporting:
– SD 3.0 support
– eMMC 5.0 support in HS400 mode
•USB:
— Two High Speed (HS) USB 2.0 OTG (Up to 480 Mbps), with integrated HS USB PHY
•
Miscellaneous IPs and interfaces:
— SSI block—capable of supporting audio sample frequencies up to 192 kHz stereo inputs and
outputs with I2S mode
— Five UARTs, up to 5.0 Mbps each:
– Providing RS232 interface
– Supporting 9-bit RS485 multidrop mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com