Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP196WN Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # BFP196WN
Description  Low noise silicon bipolar RF transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196WN Datasheet(HTML) 5 Page - Infineon Technologies AG

  BFP196WN Datasheet HTML 1Page - Infineon Technologies AG BFP196WN Datasheet HTML 2Page - Infineon Technologies AG BFP196WN Datasheet HTML 3Page - Infineon Technologies AG BFP196WN Datasheet HTML 4Page - Infineon Technologies AG BFP196WN Datasheet HTML 5Page - Infineon Technologies AG BFP196WN Datasheet HTML 6Page - Infineon Technologies AG BFP196WN Datasheet HTML 7Page - Infineon Technologies AG BFP196WN Datasheet HTML 8Page - Infineon Technologies AG BFP196WN Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
3
Electrical performance in test fixture
3.1
DC parameter table
Table 3
DC characteristics at TA = 25 °C
Parameter
Symbol
Values
Unit
Note or Test Condition
Min.
Typ.
Max.
Collector emitter breakdown voltage
VCEO
12
–
–
V
IC = 1 mA, open base
Collector emitter leakage current
ICES
–
–
100
μA
VCE = 20 V, VBE = 0 V
Emitter / base short
circuited
Collector base leakage current
ICBO
–
–
100
nA
VCB = 10 V, VBE = 0
Open emitter
Emitter base leakage current
IEBO
–
–
1
μA
VEB = 1 V, IC = 0
Open collector
DC current gain
hFE
70
100
140
VCE = 8 V, IC = 50 mA
Pulse measured
3.2
AC parameter tables
Table 4
General AC characteristics at TA = 25 °C
Parameter
Symbol
Values
Unit
Note or test condition
Min.
Typ.
Max.
Transition frequency
fT
5
7.5
–
GHz
VCE = 8 V, IC = 90 mA,
f=500 MHz
Collector base capacitance
CCB
–
0.9
–
pF
VCB = 10 V, VBE = 0 V,
f = 1 MHz
Emitter grounded
Collector emitter capacitance
CCE
–
0.35
–
pF
VCE = 10 V, VBE = 0 V,
f = 1 MHz
Base grounded
Emitter base capacitance
CEB
–
3.8
–
pF
VEB = 0.5 V, VCB = 0 V,
f = 1 MHz
Collector grounded
BFP196WN
Low noise silicon bipolar RF transistor
Electrical performance in test fixture
Preliminary datasheet
5
Revision 1.0
2017-01-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com