Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP196WN Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BFP196WN
Description  Low noise silicon bipolar RF transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196WN Datasheet(HTML) 1 Page - Infineon Technologies AG

  BFP196WN Datasheet HTML 1Page - Infineon Technologies AG BFP196WN Datasheet HTML 2Page - Infineon Technologies AG BFP196WN Datasheet HTML 3Page - Infineon Technologies AG BFP196WN Datasheet HTML 4Page - Infineon Technologies AG BFP196WN Datasheet HTML 5Page - Infineon Technologies AG BFP196WN Datasheet HTML 6Page - Infineon Technologies AG BFP196WN Datasheet HTML 7Page - Infineon Technologies AG BFP196WN Datasheet HTML 8Page - Infineon Technologies AG BFP196WN Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
BFP196WN
Low noise silicon bipolar RF transistor
Product description
• NPN silicon planar epitaxial transistor in 4-pin dual-emitter SOT343 package for low noise and low distortion
wideband amplifiers. This RF transistor benefits from Infineon long-term experience in RF components and
combines ease-of-use to stable volumes production, at benchmark quality and reliability.
Features
• For high voltage applications VCE < 12 V
• Maximal power Ptot = 700 mW
• Transition frequency fT = 7.5 GHz
• Noise figure NFmin = 1.3 dB at 900 MHz
• Easy to use Pb-free (RoHS compliant) and halogen-free industry
standard SOT343 package with visible leads
2
3
1, 4
Application
• GNSS active antenna
• Amplifiers in antenna and telecommunications systems
• CATV
• Power amplifier for DECT and PCN systems
Product validation
Qualified for industrial applications according to the relevant tests of JEDEC47/20/22
Device information
Attention: ESD (Electrostatic discharge) sensitive device, observe handling precautions
Type / Ordering code
Package
Pin configuration
Marking
Related Links
BFP196WN /
BFP196WNH6327XTSA1
SOT343
1=E
2=C 3=B 4=E
RLs
see SOT343 Package
Preliminary datasheet
Please read the Important Notice and Warnings at the end of this document
Revision 1.0
www.infineon.com
2017-01-20


Similar Part No. - BFP196WN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BFP196W SIEMENS-BFP196W Datasheet
60Kb / 7P
NPN Silicon RF Transistor(For low noise, low distortion broadband amplifiers in antenna and telecommunications)
logo
Infineon Technologies A...
BFP196W INFINEON-BFP196W Datasheet
79Kb / 7P
NPN Silicon RF Transistor
Jun-22-2001
BFP196W INFINEON-BFP196W Datasheet
83Kb / 7P
NPN Silicon RF Transistor
2007-04-20
BFP196W INFINEON-BFP196W Datasheet
552Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
logo
Inchange Semiconductor ...
BFP196W ISC-BFP196W Datasheet
281Kb / 2P
isc Silicon NPN RF Transistor
More results

Similar Description - BFP196WN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP520 INFINEON-BFP520_15 Datasheet
576Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2015-10-12
BFP520F INFINEON-BFP520F_13 Datasheet
537Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP420 INFINEON-BFP420_13 Datasheet
567Kb / 9P
Low Noise Silicon Bipolar RF Transistor
2013-09-19
BFP410 INFINEON-BFP410_13 Datasheet
579Kb / 8P
Low Noise Silicon Bipolar RF Transistor
2013-08-16
BFP196W INFINEON-BFP196W_14 Datasheet
552Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-04
BFP182R INFINEON-BFP182R_14 Datasheet
556Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
BFS481 INFINEON-BFS481_13 Datasheet
563Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-06-18
BFR193F INFINEON-BFR193F_13 Datasheet
542Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2013-11-07
BFR183 INFINEON-BFR183_14 Datasheet
618Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-03
BFR182W INFINEON-BFR182W_14 Datasheet
672Kb / 6P
Low Noise Silicon Bipolar RF Transistor
2014-04-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com