Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFP196WN Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # BFP196WN
Description  Low noise silicon bipolar RF transistor
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFP196WN Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button BFP196WN Datasheet HTML 4Page - Infineon Technologies AG BFP196WN Datasheet HTML 5Page - Infineon Technologies AG BFP196WN Datasheet HTML 6Page - Infineon Technologies AG BFP196WN Datasheet HTML 7Page - Infineon Technologies AG BFP196WN Datasheet HTML 8Page - Infineon Technologies AG BFP196WN Datasheet HTML 9Page - Infineon Technologies AG BFP196WN Datasheet HTML 10Page - Infineon Technologies AG BFP196WN Datasheet HTML 11Page - Infineon Technologies AG BFP196WN Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
3.3
Characteristic DC diagrams
0
2
4
6
8
10
V
CE
[V]
0
20
40
60
80
100
120
I
B=85 µA
I
B=171 µA
I
B=256 µA
I
B=341 µA
I
B=427 µA
I
B=682 µA
I
B=597 µA
I
B=768 µA
I
B=512 µA
I
B=853 µA
Figure 3
Collector current IC = f(VCE), IB = parameter
0
0.02
0.04
0.06
0.08
0.1
I
C
[A]
80
90
100
110
120
130
140
Figure 4
Current gain hFE= f(IC), VCE = 8 V
BFP196WN
Low noise silicon bipolar RF transistor
Electrical performance in test fixture
Preliminary datasheet
8
Revision 1.0
2017-01-20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com