Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8364ACPZ-R2 Datasheet(PDF) 39 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 39 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 35Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 36Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 37Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 38Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 39Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 40Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 41Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 42Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Data Sheet
AD8364
Rev. C | Page 39 of 44
26
27
28
29
30
32
31
15
14
13
12
11
9
10
7
6
8
5
4
3
1
2
25
16
18
19
17
20
21
22
24
23
VPOS
C20
100pF
C21
0.1
µF
C22
0.1
µF
C1
0.1
µF
C24
100pF
R21
0
C16
CLPB
AD8364ACPZ
C9
0.1
µF
C9
0.1
µF
C15
CLPA
C23
100pF
C8
0.1
µF
C10
100pF
C11
0.1
µF
R5
0
R4
0
R24
0
C12
100pF
C13
0.1
µF
VPOS
VPOS
VPSA
CHPA
CLPA
ACOM
TEMP
ACOM
VPSR
COMA
DECA
CHPB
CLPB
VLVL
VREF
ADJA
ADJB
COMB
DECB
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
BALUN
BALUN
HP6236B
POWER
SUPPLY
SMIQ06B
SIGNAL
GENERATOR
TEKTDS510
SCOPE
LECROY9213
PULSE
GENERATOR
3dB
Figure 83. Configuration for RF Burst Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com