Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8364ACPZ-R2 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8364ACPZ-R2
Description  LF to 2.7 GHz Dual 60 dB TruPwr Detector
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8364ACPZ-R2 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8364ACPZ-R2 Datasheet HTML 20Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 21Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 22Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 23Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 24Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 25Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 26Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 27Page - Analog Devices AD8364ACPZ-R2 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
AD8364
Data Sheet
Rev. C | Page 24 of 44
26
27
28
29
30
32
31
15
14
13
12
11
9
10
7
6
8
5
4
3
1
2
25
16
18
19
17
20
21
22
24
23
VPOS
C20
100pF
C21
0.1
µF
C22
0.1
µF
C1
0.1
µF
C24
100pF
C19
0.1
µF
R201
R191
R171
C16
0.1
µF
AD8364ACPZ
C9
0.1
µF
C9
0.1
µF
C14
0.1
µF
C23
100pF
C8
0.1
µF
C10
100pF
C11
0.1
µF
R5
0
R24
0
C12
100pF
C13
0.1
µF
VPOS
VPOS
VPSA
CHPA
CLPA
ACOM
TEMP
ACOM
VPSR
COMA
DECA
CHPB
CLPB
VLVL
VREF
ADJA
ADJB
COMB
DECB
VPSB
INHB
INLB
COMR
PWDN
INLA
INHA
VSTA
VSTB
OUTB
FBKB
OUTN
OUTP
FBKA
OUTA
OUTA
OUTP
OUTN
OUTB
R181
C5
0.1
µF
INPA
1:4
C7
0.1
µF
C6
0.1
µF
T2
C2
0.1
µF
INPB
1:4
C4
0.1
µF
C3
0.1
µF
T1
EXPOSED PADDLE
1SEE TEXT.
Figure 60. Basic Connections for Operation in Measurement Mode
CONTROLLER MODE BASIC CONNECTIONS
In addition to being a measurement device, the AD8364 can
also be configured to measure and control rms signal levels. The
AD8364 has two controller modes. Each of the two rms log
detectors can be separately configured to set and control the
output power level of a variable gain amplifier (VGA) or variable
voltage attenuator (VVA). Alternatively, the two rms log detectors
can be configured to measure and control the gain of an
amplifier or signal chain.
Automatic Power Control
Figure 61 shows how the device must be reconfigured to control
output power.
The RF input to the device is configured as before. A directional
coupler taps off some of the power being generated by the VGA
(typically a 10 dB to 20 dB coupler is used). A power splitter can
be used instead of a directional coupler if there are no concerns
about reflected energy from the next stage in the signal chain.
Some additional attenuation may be required to set the maximum
input signal at the AD8364 to be equal to the recommended
maximum input level for optimum linearity and temperature
stability at the frequency of operation.
VSTA and OUTA are no longer shorted together. OUTA now
provides a bias or gain control voltage to the VGA. The gain
control sense of the VGA must be negative and monotonic, that
is, increasing voltage tends to decrease gain. However, the gain
control transfer function of the device does not need to be well
controlled or particularly linear. If the gain control sense of the
VGA is positive, an inverting operational amplifier circuit with
a dc offset shift can be used between the AD8364 and the VGA
to keep the gain control voltage in the 0 V to 5 V range.
VSTA becomes the setpoint input to the system. This can be
driven by a DAC, as shown in Figure 61, if the output power is
expected to vary, or it can simply be driven by a stable reference
voltage if constant output power is required. This DAC must
have an output swing that covers the 0 V to 3.5 V range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com