Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3GT-99C0-R Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # A3GT-99C0-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99C0-R Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button A3GT-99C0-R Datasheet HTML 4Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 5Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 9Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 10Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 11Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
A3G
A3G
Square (A3GA)
Panel cutout
with solder terminals
(top view)
Rectangular (A3GJ)
Panel cutout
with screw terminals
(top view)
Round (A3GT)
Panel cutout
with solder terminals
(top view)
s LIGHTED TYPE PUSHBUTTON SWITCHES continued
Unit: mm (inch)
Note: The above panel cutout diagram
applies when the X dimension (the
space between terminals of different
polarity) is maintained at 3.5 mm.
When the X dimension is not
required, switches may be mounted at
24.5 mm for the general-purpose
pushbutton type, or at 26 mm for the
rectangular concave type.
Note: 1. Recommended panel thickness is
0.5 to 5 mm.
2. When using the spring mounting
clip for snap-in mounting, the
panel cutout becomes 16.2 +
0
0.3 mm
in diameter, and recommended
panel thickness is 0.5 to 3.5 mm.
Dimensions for models with screw terminals
have been omitted. Refer to the dimensions
for the rectangular type.
Dimensions for models with screw terminals
have been omitted. Refer to the dimensions
for the rectangular type.
Note: 1. Recommended panel thickness is
0.5 to 5 mm.
2. When using the spring mounting
clip for snap-in mounting, the
panel cutout becomes 16.2 +
0
0.3 mm
in diameter, and recommended
panel thickness is 0.5 to 3.5 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com