Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3GT-99C0-R Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # A3GT-99C0-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99C0-R Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button A3GT-99C0-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 9Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 10Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 11Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 12Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 13Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
A3G
A3G
Round (A3GT)
Panel cutout
with solder terminals
(top view)
Note: 1. Recommended panel thickness is
0.5 to 5 mm.
2. When using the spring mounting
clip for snap-in mounting, the
panel cutout becomes 16.2 +
0
0.3 mm
in diameter, and recommended
panel thickness is 0.5 to 3.5 mm.
s INDICATORS
Rectangular indicator (M2GJ)
Panel cutout
with solder terminals
(top view)
Square indicator (M2GA)
Panel cutout
with solder terminals
(top view)
Dimensions for models with screw terminals
have been omitted. Refer to the dimensions
for the rectangular type.
s CONVEX TYPE PUSHBUTTON SWITCHES continued
Unit: mm (inch)
Note: 1. Recommended panel thickness is
0.5 to 5 mm.
2. When using the spring mounting
clip for snap-in mounting, the
panel cutout becomes 16.2 +
0
0.3 mm
in diameter, and recommended
panel thickness is 0.5 to 3.5 mm.
Note: 1. Recommended panel thickness is
0.5 to 5 mm.
2. When using the spring mounting
clip for snap-in mounting, the
panel cutout becomes 16.2 +
0
0.3 mm
in diameter, and recommended
panel thickness is 0.5 to 3.5 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com