Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3GT-99C0-R Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # A3GT-99C0-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99C0-R Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button A3GT-99C0-R Datasheet HTML 5Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 9Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 10Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 11Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 12Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
A3G
A3G
9
s CONVEX TYPE PUSHBUTTON SWITCH
Note: 1. Recommended panel thickness is
0.5 to 5 mm.
2. When using the spring mounting
clip for snap-in mounting, the
panel cutout becomes 16.2 +
0
0.3 mm
in diameter, and recommended
panel thickness is 0.5 to 3.5 mm.
Rectangular (A3GJ)
Panel cutout
with solder terminals
(top view)
Square (A3GA)
Panel cutout
with solder terminals
(top view)
Note: 1. Recommended panel thickness is
0.5 to 5 mm.
2. When using the spring mounting
clip for snap-in mounting, the
panel cutout becomes 16.2 +
0
0.3 mm
in diameter, and recommended
panel thickness is 0.5 to 3.5 mm.
Rectangular (A3GJ)
Panel cutout
with screw terminals
(top view)
Dimensions for models with screw terminals
have been omitted. Refer to the dimensions
for the rectangular type.
Note: The above panel cutout diagram applies
when the X dimension (the space between
terminals of different polarity) is maintained
at 3.5 mm. When the X dimension is not
required, switches may be mounted at 24.5
mm for the general-purpose pushbutton type,
or at 26 mm for the rectangular concave
type. The pitch should be as large as
possible to maintain space to extend the lead
wire and make it easier to wire.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com