Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3GT-99C0-R Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A3GT-99C0-R
Description  Lighted and non-lighted/convex versions
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A3GT-99C0-R Datasheet(HTML) 2 Page - Omron Electronics LLC

  A3GT-99C0-R Datasheet HTML 1Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 2Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 3Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 4Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 5Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 6Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 7Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 8Page - Omron Electronics LLC A3GT-99C0-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
2
A3G
A3G
Part Number
Operator
Circuit
Color
Round
Rectangular
Square
Pushbutton
Momentary
Red
A3GT-99C0-R
A3GJ-99C0-R
A3GA-99C0-R
Yellow
A3GT-99C0-Y
A3GJ-99C0-Y
A3GA-99C0-Y
Green
A3GT-99C0-G
A3GJ-99C0-G
A3GA-99C0-G
Black
A3GT-99C0-B
A3GJ-99C0-B
A3GA-99C0-B
Maintained
Red
A3GT-99D0-R
A3GJ-99D0-R
A3GA-99D0-R
Yellow
A3GT-99D0-Y
A3GJ-99D0-Y
A3GA-99D0-Y
Green
A3GT-99D0-G
A3GJ-99D0-G
A3GA-99D0-G
Black
A3GT-99D0-B
A3GJ-99D0-B
A3GA-99D0-B
Mushroom Cap
Momentary
Red
A3GT-99C2-R
A3GJ-99C2-R
A3GA-99C2-R
Maintained
Red
A3GT-99D2-R
A3GJ-99D2-R
A3GA-99D2-R
s ASSEMBLED TYPES continued
Non-lighted/Convex
Note:
Above switches offer double pole, double throw NO/NC contacts with screw terminals; lighted type pushbuttons offer neon
lamps at 110 VAC; and all are fully assembled.
Degree
Part Number
Switch Type
of Sealing
Color
Round
Rectangular
Square
LED
Dust Proof
Red
A3BT-500R
A3BJ-500R
A3BA-500R
IP40
Yellow
A3BT-500Y
A3BJ-500Y
A3BA-500Y
Green*
A3BT-500GY
A3BJ-500GY
A3BA-500GY
White
A3BT-500W
A3BJ-500W
A3BA-500W
Oil-resistant
Red
A3BT-510R
A3BJ-510R
A3BA-510R
IP65
Yellow
A3BT-510Y
A3BJ-510Y
A3BA-510Y
Green*
A3BT-510GY
A3BJ-510GY
A3BA-510GY
White
A3BT-510W
A3BJ-510W
A3BA-510W
Incandescent Lamps
IP40
Green*
A3BT-500G
A3BJ-500G
A3BA-500G
Blue
A3BT-500A
A3BJ-500A
A3BA-500A
Oil-tight IP65
Green*
A3BT-510G
A3BJ-510G
A3BA-510G
Blue
A3BT-510A
A3BJ-510A
A3BA-510A
Neon Lamps
Dust Proof
Orange
A3GT-500D
A3GJ-500D
A3GA-500D
IP40
Green
A3GT-500GN
A3GJ-500GN
A3GA-500GN
White
A3GT-500WN
A3GJ-500WN
A3GA-500WN
Oil-resistant
Orange
A3GT-510D
A3GJ-510D
A3GA-510D
IP65
Green
A3GT-510GN
A3GJ-510GN
A3GA-510GN
White
A3GT-510WN
A3GJ-510WN
A3GA-510WN
Snap-in switch unit greatly improves
wiring efficiency. Simply insert the
switch unit for complete connection.
Press the part indicated PUSH on the
switch unit and pull to remove.
Align white marks to insert.
Align white marks
Press
Press
Round
Rectangular
Square
Note: The legend plate and reflective
plunger are bonded together on
the IP65 Oil-resistant type only.
Structure of pushbutton
s SEPARATE TYPE PUSHBUTTON UNITS
Lighted Switches
Lens
Legend plate
Diffusion plate
Reflection plunger
Note: 1. Pushbutton units, lamps (lighted type only), case, and socket must be ordered separately.
Example: Pushbutton unit A3BJ-500R, Case A3GJ-6011-1, Socket A3G-4011.
2. Illumination: red, yellow, and white use either LED or incandescent lamps.
3. With the exception of green, all pushbutton units can be used with either LED or incandescent lamps. To avoid an
undesirable hue change with green pushbutton units, use a green LED lamp with a green LED pushbutton and an
incandescent lamp with a green incandescent pushbutton.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com