Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 9Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 10Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 11Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 12Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 13Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 10 of 32
August 17, 2012
LVDS INPUTS (CLKDIVRSTP, CLKDIVRSTN)
Input Common Mode Range
VICM
825
1575
mV
Input Differential Swing (Peak-to-peak, Single-ended)
VID
250
450
mV
CLKDIVRSTP Input Pull-down Resistance
RIpd
100
k
CLKDIVRSTN Input Pull-up Resistance
RIpu
100
k
LVDS OUTPUTS
Differential Output Voltage (Note 10)
VT
3mA Mode
612
mVP-P
Output Offset Voltage
VOS
3mA Mode
1120
1150
1200
mV
Output Rise Time
tR
240
ps
Output Fall Time
tF
240
ps
CMOS OUTPUTS
Voltage Output High
VOH
IOH = -500µA
OVDD - 0.3 OVDD - 0.1
V
Voltage Output Low
VOL
IOL = 1mA
0.1
0.3
V
Output Rise Time
tR
1.8
ns
Output Fall Time
tF
1.4
ns
NOTES:
9. The Tri-Level Inputs internal switching thresholds are approximately. 0.43V and 1.34V. It is advised to float the inputs, tie to ground or AVDD depending
on desired function.
10. The voltage is expressed in peak-to-peak differential swing. The peak-to-peak singled-ended swing is 1/2 of the differential swing.
Digital Specifications Boldface limits apply over the operating temperature range, -40°C to +85°C. (Continued)
PARAMETER
SYMBOL
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5) UNITS
Timing Diagrams
FIGURE 3. LVDS
CLKN
CLKP
INP
INN
tA
CLKOUTN
CLKOUTP
tCPD
D[13:0]N
D[13:0]P
LATENCY = L CYCLES
tDC
tPD
A DATA
N-L
B DATA
N-L
A DATA
N-L+1
B DATA
N-L+1
B DATA
N-1
A DATA
N
B DATA
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com