Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 13Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 14Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 15Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 16Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 17Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 18Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 17 of 32
August 17, 2012
Analog Input
A single fully differential input (VINP/VINN) connects to the
sample and hold amplifier (SHA) of each unit A/D. The ideal
full-scale input voltage is 2.0V, centered at the VCM voltage of
0.94V, as shown in Figure 29.
Best performance is obtained when the analog inputs are driven
differentially. The common-mode output voltage, VCM, should be
used to properly bias the inputs, as shown in Figures 30 through
32. An RF transformer will give the best noise and distortion
performance for wideband and/or high intermediate frequency
(IF) inputs. Two different transformer input schemes are shown in
Figures 30 and 31.
This dual transformer scheme is used to improve common-mode
rejection, which keeps the common-mode level of the input
matched to VCM. The value of the shunt resistor should be
determined based on the desired load impedance. The
differential input resistance of the ISLA224P12 is 600Ω.
The SHA design uses a switched capacitor input stage (see
Figure 45), which creates current spikes when the sampling
capacitance is reconnected to the input voltage. This causes a
disturbance at the input, which must settle before the next
sampling point. Lower source impedance will result in faster
settling and improved performance. Therefore a 2:1 or 1:1
transformer and low shunt resistance are recommended for
optimal performance.
A differential amplifier, as shown in the simplified block diagram
in Figure 32, can be used in applications that require
DC-coupling. In this configuration, the amplifier will typically
dominate the achievable SNR and distortion performance.
Intersil’s new ISL552xx differential amplifier family can also be
used in certain AC applications with minimal performance
degradation. Contact the factory for more information.
FIGURE 27. TYPICAL SNR PERFORMANCE vs TEMPERATURE,
DEVICE CALIBRATED AT +85°C, fIN = 105MHz
FIGURE 28. TYPICAL SFDR PERFORMANCE vs TEMPERATURE,
DEVICE CALIBRATED AT +85°C, fIN = 105MHz
Temperature Calibration (Continued)
73.50
73.75
74.00
74.25
74.50
74.75
75.00
65
70
75
80
85
TEMPERATURE (°C)
-2dBFS ANALOG INPUT
-1dBFS ANALOG INPUT
75
80
85
65
70
75
80
85
-2dBFS ANALOG INPUT
-1dBFS ANALOG INPUT
TEMPERATURE (°C)
FIGURE 29. ANALOG INPUT RANGE
1.0
1.8
0.6
0.2
1.4
VINP
VINN
VCM
0.94V
1.0V
FIGURE 30. TRANSFORMER INPUT FOR GENERAL PURPOSE
APPLICATIONS
ADT1-1WT
0.1µF
A/D
VCM
ADT1-1WT
1000pF
FIGURE 31. TRANSMISSION-LINE TRANSFORMER INPUT FOR
HIGH IF APPLICATIONS
A/D
VCM
1000pF
1000pF
TX-2-5-1
ADTL1-12
FIGURE 32. DIFFERENTIAL AMPLIFIER INPUT
A/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com