Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMB-001LEVALZ Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # KMB-001LEVALZ
Description  High Performance Dual 14-Bit, 125MSPS ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001LEVALZ Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button KMB-001LEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 23Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 24Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 25Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 26Page - Renesas Technology Corp KMB-001LEVALZ Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
ISLA224P12
FN7983 Rev 3.00
Page 23 of 32
August 17, 2012
Figures 42 and 43 illustrate the timing relationships for 2-byte
and N-byte transfers, respectively. The operation for a 3-byte
transfer can be inferred from these diagrams.
SPI Configuration
ADDRESS 0X00: CHIP_PORT_CONFIG
Bit ordering and SPI reset are controlled by this register. Bit order
can be selected as MSB to LSB (MSB first) or LSB to MSB (LSB
first) to accommodate various micro controllers.
Bit 7 SDO Active
Bit 6 LSB First
Setting this bit high configures the SPI to interpret serial data
as arriving in LSB to MSB order.
Bit 5 Soft Reset
Setting this bit high resets all SPI registers to default values.
Bit 4 Reserved
This bit should always be set high.
Bits 3:0 These bits should always mirror bits 4:7 to avoid
ambiguity in bit ordering.
ADDRESS 0X02: BURST_END
If a series of sequential registers are to be set, burst mode can
improve throughput by eliminating redundant addressing. The
burst is ended by pulling the CSB pin high. Setting the burst_end
address determines the end of the transfer. During a write
operation, the user must be cautious to transmit the correct
number of bytes based on the starting and ending addresses.
Bits 7:0 Burst End Address
This register value determines the ending address of the burst
data.
Device Information
ADDRESS 0X08: CHIP_ID
ADDRESS 0X09: CHIP_VERSION
The generic die identifier and a revision number, respectively, can
be read from these two registers.
Device Configuration/Control
A common SPI map, which can accommodate single-channel or
multi-channel devices, is used for all Intersil A/D products.
ADDRESS 0X20: OFFSET_COARSE_ADC0
ADDRESS 0X21: OFFSET_FINE_ADC0
The input offset of the A/D core can be adjusted in fine and
coarse steps. Both adjustments are made via an 8-bit word as
detailed in Table 5. The data format is twos complement.
The default value of each register will be the result of the
self-calibration after initial power-up. If a register is to be
incremented or decremented, the user should first read the
register value then write the incremented or decremented value
back to the same register. Bit 0 in register 0xFE must be set high
to enable updates written to 0x20 and 0x21 to be used by the
ADC (see description for 0xFE).
ADDRESS 0X22: GAIN_COARSE_ADC0
ADDRESS 0X23: GAIN_MEDIUM_ADC0
ADDRESS 0X24: GAIN_FINE_ADC0
Gain of the A/D core can be adjusted in coarse, medium and fine
steps. Coarse gain is a 4-bit adjustment while medium and fine
are 8-bit. Multiple Coarse Gain Bits can be set for a total
adjustment range of ±4.2%. (‘0011’ @ -4.2% and ‘1100’ @ +4.2%)
It is recommended to use one of the coarse gain settings (-4.2%,
-2.8%, -1.4%, 0, 1.4%, 2.8%, 4.2%) and fine-tune the gain using the
registers at 0x0023 and 0x24.
The default value of each register will be the result of the
self-calibration after initial power-up. If a register is to be
incremented or decremented, the user should first read the
register value then write the incremented or decremented value
back to the same register. Bit 0 in register 0xFE must be set high
to enable updates written to 0x23 and 0x24 to be used by the
ADC (see description for 0xFE).
10
3
11
4 or more
TABLE 4. BYTE TRANSFER SELECTION (Continued)
[W1:W0]
BYTES TRANSFERRED
TABLE 5. OFFSET ADJUSTMENTS
PARAMETER
0x20[7:0]
COARSE OFFSET
0x21[7:0]
FINE OFFSET
Steps
255
255
–Full Scale (0x00)
-133LSB (-47mV)
-5LSB (-1.75mV)
Mid–Scale (0x80)
0.0LSB (0.0mV)
0.0LSB
+Full Scale (0xFF)
+133LSB (+47mV)
+5LSB (+1.75mV)
Nominal Step Size
1.04LSB (0.37mV)
0.04LSB (0.014mV)
TABLE 6. COARSE GAIN ADJUSTMENT
0x22[3:0] core 0
0x26[3:0] core 1
NOMINAL COARSE GAIN ADJUST
(%)
Bit3
+2.8
Bit2
+1.4
Bit1
-2.8
Bit0
-1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com