| Electronic Components Datasheet Search |
|
KMB-001LEVALZ Datasheet(PDF) 20 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
KMB-001LEVALZ Datasheet(HTML) 20 Page - Renesas Technology Corp |
|
20 / 32 page ![]() ISLA224P12 FN7983 Rev 3.00 Page 20 of 32 August 17, 2012 For clock divide settings > ‘1’, the absolute phase of the output clocks for multiple A/Ds is indeterminate - there will be a phase ambiguity between the output clocks of ADCs in a multiple ADC system. The CLKDIVRST feature allows the phase of multiple A/Ds to be synchronized (see Figure 37) when the internal clock divider is used, greatly simplifying data capture in systems employing multiple A/Ds. For clock divide setting = ’1’, there is no phase ambiguity between clock outputs in a multiple ADC system and CLKDIVRST can be left as a DNC (do not connect) The CLKDIVRST signal must be well-timed with respect to the sample clock (see “Switching Specifications” on page 11). Figure 37 shows assertion of CLKDIVRSTP by a positive edge (CLKDIVRSTN must be driven but is not shown); CLKDIVRSTP can remain high indefinitely after a synchronization event. CLKDIVRSTP can also be a pulse if needed, with CLKDIVRSTP returning to a logic ‘0’ after assertion; in this case the CLKDIVRST pulse width should be a minimum of 3 input sample clock periods. In applications where multiple CLKDIVRST pulse events are required, a user should wait a minimum of 30 clock cycles before starting a second CLKDIVRST pulse event. It will take a maximum of 30 input clock cycles to attain synchronization (tRSTRT) in applications where the input clock is not interrupted; if the input clock is interrupted CLKOUT will be static or indeterminate until synchronization is attained. In some applications, interrupting the input sample clock briefly (~ 150 cycles max) can simplify the timing requirements for synchronization using CLKDIVRST), in this case the total CLKDIVRST recovery time will increase by the number of input clock cycles the sample clock is held static. Valid data is available (after recovery) in all cases after the normal pipeline latency. Intersil Application Note 1604 describes the synchronization of multiple ISLA1xxP50s. This document discusses the topic of synchronization in more detail and can be used to better understand the ISLA2XXPxx ADCs’ operation. FIGURE 37. SYNCHRONOUS RESET OPERATION s1 s2 s0 s3 s1 s2 s0 s3 CLKDIVRSTP ADC1 OUTPUT DATA ADC1 CLKOUTP ADC2 CLKOUTP (phase 1) ADC2 CLKOUTP (phase 2) s1 L+td tRSTH tRSTS tRSTRT ADC2 OUTPUT DATA ANALOG INPUT SAMPLE CLOCK INPUT (CLKDIV = 2) s2 NOTES: 14. Delay equals fixed pipeline latency (L cycles) plus fixed analog propagation delay td. 15. CLKDIVRSTP setup and hold times are with respect to input sample clock rising edge. CLKDIVRSTN is not shown, but must be driven, and is the compliment of CLKDIVRSTP. 16. Either Output Clock Phase (Phase 1 or Phase 2 ) equally likely prior to synchronization. (Note 16) (Note 15) (Note 15) (Note 14) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |