Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P89LPC912FDH Datasheet(PDF) 32 Page - NXP Semiconductors

Part # P89LPC912FDH
Description  8-bit microcontrollers with two-clock 80C51 core 1 kB 3 V Flash with 128-byte RAM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC912FDH Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button P89LPC912FDH Datasheet HTML 28Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 29Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 30Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 31Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 32Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 33Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 34Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 35Page - NXP Semiconductors P89LPC912FDH Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 63 page
background image
Philips Semiconductors
P89LPC912/913/914
8-bit microcontrollers with two-clock 80C51 core
Product data
Rev. 03 — 17 December 2004
32 of 63
9397 750 14468
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Required for operation above 12 MHz.
The P89LPC914 has 3 I/O ports: Port 0, Port 1, and Port 2. The exact number of I/O
pins available depends on the reset option chosen, as shown in Table 11.
[1]
Required for external clock frequency above 12 MHz.
9.11.1
Port configurations
Except as listed below, every I/O pin on the P89LPC912/913/914 may be configured
by software to one of four types on a bit-by-bit basis. These are: quasi-bidirectional
(standard 80C51 port outputs), push-pull, open drain, and input-only. Two
configuration registers for each port select the output type for each port pin.
P1.5/RST can only be an input and cannot be configured.
P1.2/T0 may only be configured to be either input-only or open drain (P89LPC912,
P89LPC914).
9.11.2
Quasi-bidirectional output configuration
Quasi-bidirectional output type can be used as both an input and output without the
need to reconfigure the port. This is possible because when the port outputs a logic
HIGH, it is weakly driven, allowing an external device to pull the pin LOW. When the
pin is driven LOW, it is driven strongly and able to sink a fairly large current. These
features are somewhat similar to an open-drain output except that there are three
pull-up transistors in the quasi-bidirectional output that serve different purposes.
The P89LPC912/913/914 is a 3 V device, but the pins are 5 V-tolerant. In
quasi-bidirectional mode, if a user applies 5 V on the pin, there will be a current
flowing from the pin to VDD, causing extra power consumption. Therefore, applying
5 V in quasi-bidirectional mode is discouraged.
Table 10:
Number of I/O pins available (P89LPC912, P89LPC913)
Clock source
Reset option
Number of
I/O pins
(14-pin
package)
On-chip oscillator or watchdog
oscillator
No external reset (except during
power-up)
12
External RST pin supported
11
External clock input
No external reset (except during
power-up)
11
External RST pin supported
10
Low/medium/high speed oscillator
(external crystal or resonator)
No external reset (except during
power-up)
10
External RST pin supported[1]
9
Table 11:
Number of I/O pins available (P89LPC914)
Reset option
Number of I/O pins
(14-pin package)
No external reset (except during power-up)
12
External RST pin supported[1]
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com