Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD01 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # WD01
Description  Wireless Controller Module with RF Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD01 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  WD01 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Wireless Controller Module with RF Transceiver
WD01
Version 1.0
Page 3 of 5
Orbit Communications : Wireless Solutions that Work
www.orbitcoms.com
WD01-PIC01 Pin Definitions
NOTE: Designators in brackets represent IO pins on PIC16F876 micro controller
ICSP Connector
In Circuit Serial Programming, enables re-programming of micro controller Bootloader firmware or
specialist user code.
Pitch: 2mm
Style: Single in Line header
Pin No.
Pin
Name
Description
1
MCLR
Micro controller reset control for programming mode
(MCLR)
2
GND
Common, 0V
3
PGD
Programming Data Signal (RB7)
4
PGC
Programming Clock Signal (RB6)
WD01 ICSP to Programmer Cable
ICSP
1234
1
28
10
19
1 2 3 4
4
3
2
1
WD01 - ICSP
Adaptor plugs into top of ZIF socket
on programmer. Cable is pin-to-pin



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com