Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD01 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WD01
Description  Wireless Controller Module with RF Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD01 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WD01 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Wireless Controller Module with RF Transceiver
WD01
Version 1.0
Page 5 of 5
Orbit Communications : Wireless Solutions that Work
www.orbitcoms.com
RS232 Interface Connector
Provides 9600 OR 19200 Baud RS232 level interface to PC or other equipment.
Pin No.
Pin
Name
Description
2
TXD
Transmit Data output (RB4)
3
RXD
Receive Data Input (RB0)
5
GND
Common
7
RTS
Ready To Send Input (RC0)
RF Interface
Provides power and control signals for plug-in RF module.
Pitch: 2.54mm
Style: 2 x 6 Way SIL connector
Pin No.
Pin
Name
Description
1
TX EN
Transmit Enable Signal (RB1)
2
TXD
TTL level Transmit Data output (RC6)
3
NC
No Connection
4
NC
No Connection
5
NC
No Connection
6
GND
Common,0V
7
VCC
+5V output
8
NC
No Connection
9
RX EN
Receiver Enable Signal (RB2)
10
CD
Carrier detect, Low indicates carrier detected (RB3)
11
RSSI
Received Signal Strength Voltage (RA5)
12
RXD
TTL level Receive Data input (RC7)
1
2
3
4
5
6
12
11
10
9
8
7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com