Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD01 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # WD01
Description  Wireless Controller Module with RF Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD01 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  WD01 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Wireless Controller Module with RF Transceiver
WD01
Version 1.0
Page 4 of 5
Orbit Communications : Wireless Solutions that Work
www.orbitcoms.com
IO and ANALOG Connector
4 x 10-bit resolution Analog Input Channels. (0 – 5V unbufferred)
8 x TTL level Digital IO
Pitch: 2.54mm
Style: 7 + 7 D.I.L
Pin No.
Pin
Name
Description
1
D1
Digital IO (RC1)
2
+5V
VCC, DC Power source (200mA max)
3
D2
Digital IO (RC2)
4
A1
Digital IO (RB7)
5
D3
Digital IO (RC3)
6
A2
Digital IO (RB6)
7
D4
Digital IO (RC4)
8
A3
Digital IO (RB5)
9
D5
Digital IO (RC5)
10
A4
Digital IO (RB4)
11
D6
Digital IO (RB5)
12
GND
Common, 0V
13
D7
Digital IO (RB6)
14
GND
Common, 0V
15
D8
Digital IO (RB7)
16
GND
Common, 0V
1
3
5
7
9
11
13
15
2
4
6
8
10
12
14
16



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com