Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WD01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WD01
Description  Wireless Controller Module with RF Transceiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WD01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WD01 Datasheet HTML 1Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 2Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 3Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 4Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 5Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 6Page - List of Unclassifed Manufacturers WD01 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Wireless Controller Module with RF Transceiver
WD01
Version 1.0
Page 1 of 5
Orbit Communications : Wireless Solutions that Work
www.orbitcoms.com
Features
•
Comes complete with Plug-in RF transceiver
•
150MHz, 433MHz and 915MHz options
•
RS232 Interface
•
SPI Interface
•
4 x 10-bit Analog Inputs
•
8 x Programmable Digital IO
•
On-board regulated power supply
•
8K, In-circuit programmable micro controller
•
Over-air communications firmware pre-
programmed
•
Built in “Operating System”
•
Data rates up to 19.2K Baud
•
Provides up to 1km typical range (433MHz)
Applications
•
Industrial Control and monitoring
•
Security systems
•
General data telemetry
•
Inventory control and monitoring
•
Point-to-Point or networked wireless systems
•
Stand-Alone monitoring and control
•
Logging
•
GPS location applications
•
SCADA
•
HVAC
General Description
The WD01 wireless controller has been designed to
offer flexibility and ease of use while ensuring reliable
point-to-point or multi-point data communications.
The WD01 can be used to create a complete wireless
data network or it can
function stand-alone, providing complete turn-key
solutions to wireless applications.
The WD01 accepts a range of RF modules ranging
from 150MHz to 915 MHz with power levels from
10mW to 100mW.
This provides flexibility for the application to
be used in a variety of applications and
geographical locations by simply plugging in the
appropriate RF module.
An RS232 Serial link to the controller is provided
that operates at 19200 Baud. This link can be used
to control hardware functions on any WD01
connected to the network and to upgrade the
operating firmware while the unit is running.
A dedicated ISCP connector is also available that
allows direct programming of the onboard micro
controller using Microchip PICSTART or similar
programmer.


Similar Part No. - WD01

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WD01 WEITRON-WD01 Datasheet
411Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
WD01 WEITRON-WD01 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
WD01 WEITRON-WD01_10 Datasheet
266Kb / 3P
Surface Mount Glass Passivated Bridge Rectifiers
More results

Similar Description - WD01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-24HP ETC2-TRW-24HP Datasheet
1Mb / 19P
Wireless 2.4Ghz 500mW Transceiver RF Module
TRW-909HI ETC2-TRW-909HI Datasheet
569Kb / 10P
Wireless High Power Transceiver RF Module
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
433MHz Wireless RF Hi Power Transceiver Module
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
Wireless Hi Power 0.5W RF Transceiver Module
TRW-900C ETC2-TRW-900C Datasheet
520Kb / 24P
Wireless Low Cost 900MHz RF Transceiver Module
TRW-925A ETC2-TRW-925A Datasheet
545Kb / 5P
Wireless Low Power Transceiver RF Module
TRW-960S ETC2-TRW-960S Datasheet
272Kb / 4P
Wireless Low Power Transceiver RF Module
TRW-V4B-D ETC2-TRW-V4B-D Datasheet
738Kb / 8P
Wireless Low Power Transceiver RF Module
TRW-V4B-V ETC2-TRW-V4B-V Datasheet
524Kb / 6P
Wireless Voice Transceiver RF Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com