Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6163LL-35JMBLF Datasheet(PDF) 8 Page - Force Technologies Ltd

Part # FT6163LL-35JMBLF
Description  Ultra High Speed 8K x 9 Static Cmos Rams
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6163LL-35JMBLF Datasheet(HTML) 8 Page - Force Technologies Ltd

Back Button FT6163LL-35JMBLF Datasheet HTML 4Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 10Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 11Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 12Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SELECTION GUIDE
The
FT6163/L is available in the following temperature, speed and package options. The FT6163L is
only available over the military temperature range.
* Military temperature range with MIL-STD-883
M5004
N/A = Not available
ORDERING INFORMATION
25
35
45
Plastic DIP
-25PC
-35PC
N/A
Plastic SOJ
-25JC
-35JC
N/A
Side Brazed DIP
-25CM
-35CM
-45CM
LCC
-25LM
-35LM
-45LM
CERPACK
-25FM
-35FM
-45FM
Side Brazed DIP
-25CMB
-35CMB
-45CMB
LCC
-25LMB
-35LMB
-45LMB
CERPACK
-25FMB
-35FMB
-45FMB
Military
Processed*
Miliitary
Temperature
Speed
Temperature
Range
Package
Commercial
M5004
FT6163
FT6163L
L
XX
X
X
X
REV 1.2
8/13
2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com