Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6163LL-35JMBLF Datasheet(PDF) 3 Page - Force Technologies Ltd

Part # FT6163LL-35JMBLF
Description  Ultra High Speed 8K x 9 Static Cmos Rams
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6163LL-35JMBLF Datasheet(HTML) 3 Page - Force Technologies Ltd

  FT6163LL-35JMBLF Datasheet HTML 1Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 2Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 3Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 4Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
POWER DISSIPATION CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
FT6
163
FT6
163L
Min
Max
Min
Max
I
CC
Dynamic Operating
V
CC = Max., f = Max.,
Mil.
—
145
—
145
mA
Current – 25
Outputs Open
Com’l.
—
125
—
N/A
I
CC
Dynamic Operating
V
CC = Max., f = Max.,
Mil.
—
120
—
120
mA
Current – 35, 45
Outputs Open
Com’l.
—
95
—
N/A
I
SB
Standby Power Supply
CE
1 ≥ VIH or
Mil.
—
40
—
40
mA
Current (TTL Input Levels) CE
2 ≤ VIL, VCC = Max.,
Com’l.
—
35
—
N/A
f = Max., Outputs Open
I
SB1
Standby Power Supply
CE
1 ≥ VHC or
Mil.
—
20
—
1
mA
Current
CE
2 ≤ VLC, VCC = Max.,
Com’l.
—
18
—
N/A
(CMOS Input Levels)
f = 0, Outputs Open,
V
IN ≤ VLC or VIN ≥ VHC
DATA RETENTION WAVEFORM
Symbol
Parameter
Test Conditions
Unit
n/a = Not Applicable
DATA RETENTION CHARACTERISTICS (FT6163L, Military Temperature Only)
Typ.*
Max
Symbol
Parameter
Test Condition
Min
V
CC=VCC=Unit
2.0V
3.0V
2.0V
3.0V
V
DR
V
CC for Data Retention
2.0
V
I
CCDR
Data Retention Current
10
15
200
300
µA
t
CDR
Chip Deselect to
0
ns
Data Retention Time
t
R
†
Operation Recovery Time
t
RC
§
ns
*T
A = +25°C
§
t
RC = Read Cycle Time
†
This parameter is guaranteed but not tested.
CE
1 ≥ VCC – 0.2V or
CE
2 ≤ 0.2V, VIN ≥ VCC – 0.2V
or V
IN ≤ 0.2V
REV 1.2
3/13
2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com