Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6163LL-35JMBLF Datasheet(PDF) 2 Page - Force Technologies Ltd

Part # FT6163LL-35JMBLF
Description  Ultra High Speed 8K x 9 Static Cmos Rams
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6163LL-35JMBLF Datasheet(HTML) 2 Page - Force Technologies Ltd

  FT6163LL-35JMBLF Datasheet HTML 1Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 2Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 3Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 4Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MAXIMUM RATINGS(1)
Symbol
Parameter
Value
Unit
V
CC
Power Supply Pin with
–0.5 to +7
V
Respect to GND
Terminal Voltage with
–0.5 to
V
TERM
Respect to GND
V
CC +0.5
V
(up to 7.0V)
T
A
Operating Temperature
–55 to +125
°C
Symbol
Parameter
Value
Unit
T
BIAS
Temperature Under
–55 to +125
°C
Bias
T
STG
Storage Temperature
–65 to +150
°C
P
T
Power Dissipation
1.0
W
I
OUT
DC Output Current
50
mA
Ambient
Temperature
Commercial
0°C to +70°C
0V
5.0V ± 10%
Grade(2)
GND
V
CC
Grade(2)
GND
V
CC
Ambient
Temperature
Military
–55 to +125°C
0V
5.0V ± 10%
RECOMMENDED OPERATING TEMPERATURE AND SUPPLY VOLTAGE
Notes:
1. Stresses greater than those listed under MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification
is not implied. Exposure to MAXIMUM rating conditions for extended
periods may affect reliability.
DC ELECTRICAL CHARACTERISTICS
Over recommended operating temperature and supply voltage(2)
FT6
163
FT6
163L
Min
Max
Min
Max
V
IH
Input High Voltage
2.2
V
CC+0.5
2.2
V
CC+0.5
V
V
IL
Input Low Voltage
–0.5(3)
0.8
–0.5(3)
0.8
V
V
HC
CMOS Input High Voltage
V
CC–0.2
V
CC+0.5
V
CC–0.2
V
CC+0.5
V
V
LC
CMOS Input Low Voltage
–0.5(3)
0.2
–0.5(3)
0.2
V
V
CD
Input Clamp Diode Voltage
V
CC = Min., IIN = –18 mA
–1.2
–1.2
V
V
OL
Output Low Voltage
I
OL = +8 mA, VCC = Min.
0.4
0.4
V
(TTL Load)
V
OLC
Output Low Voltage
I
OLC = +100 µA, VCC = Min.
0.2
0.2
V
(CMOS Load)
V
OH
Output High Voltage
I
OH = –4 mA, VCC = Min.
2.4
2.4
V
(TTL Load)
V
OHC
Output High Voltage
I
OHC = –100 µA, VCC = Min.
V
CC–0.2
V
CC–0.2
V
(CMOS Load)
I
LI
Input Leakage Current
V
CC = Max.
Mil.
–10
+10
–5
+5
µA
V
IN = GND to VCC
Com’l.
–5
+5
N/A
N/A
I
LO
Output Leakage Current
V
CC = Max., CE = VIH,
Mil.
–10
+10
–5
+5
µA
V
OUT= GND to VCC
Com’l.
–5
+5
N/A
N/A
Symbol
Parameter
Test Conditions
Unit
Symbol
Parameter
Conditions Typ. Unit
C
IN
Input Capacitance
V
IN = 0V
5
pF
CAPACITANCES(4)
(V
CC = 5.0V, TA = 25°C, f = 1.0MHz)
Symbol
Parameter
Conditions Typ. Unit
C
OUT
Output Capacitance
V
OUT = 0V
7
pF
2. Extended temperature operation guaranteed with 400 linear feet per
minute of air flow.
3. Transient inputs with V
IL and IIL not more negative than –3.0V and
–100mA, respectively, are permissible for pulse widths up to 20 ns.
4. This parameter is sampled and not 100% tested.
REV 1.2
2/13
2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com