Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FT6163LL-35JMBLF Datasheet(PDF) 11 Page - Force Technologies Ltd

Part # FT6163LL-35JMBLF
Description  Ultra High Speed 8K x 9 Static Cmos Rams
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORCE [Force Technologies Ltd]
Direct Link   https://www.forcetechnologies.co.uk
Logo FORCE - Force Technologies Ltd

FT6163LL-35JMBLF Datasheet(HTML) 11 Page - Force Technologies Ltd

Back Button FT6163LL-35JMBLF Datasheet HTML 5Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 6Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 7Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 8Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 9Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 10Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 11Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 12Page - Force Technologies Ltd FT6163LL-35JMBLF Datasheet HTML 13Page - Force Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Pkg #
# Pins
Symbol
Min
Max
A
-
0.210
A1
-
b
0.014
0.023
b2
0.045
0.070
C
0.008
0.014
D
1.345
1.400
E1
0.270
0.300
E
0.300
0.380
e
eB
-
0.430
L
0.115
0.150
0°
15°
0.100 BSC
P5
28 (300 mil)
α
PLASTIC DUAL IN-LINE PACKAGE
REV 1.2
11/13
2008



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com