Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT77C104B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT77C104B
Description  FingerChip Thermal Fingerprint Sweep Sensor, Hardware Based, Navigation and Click Function, SPI Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT77C104B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT77C104B Datasheet HTML 17Page - ATMEL Corporation AT77C104B Datasheet HTML 18Page - ATMEL Corporation AT77C104B Datasheet HTML 19Page - ATMEL Corporation AT77C104B Datasheet HTML 20Page - ATMEL Corporation AT77C104B Datasheet HTML 21Page - ATMEL Corporation AT77C104B Datasheet HTML 22Page - ATMEL Corporation AT77C104B Datasheet HTML 23Page - ATMEL Corporation AT77C104B Datasheet HTML 24Page - ATMEL Corporation AT77C104B Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
21
AT77C104B
5347B–BIOM–08/04
Polarity configures the clock’s idle level, which is high ('1') during polarity one of the
operation and low ('0') during polarity zero of the operation.
AT77C104B and the SPI
The AT77C104B is always the slave and the host always the master. The host drives
the SCK clock. Both the AT77C104B and the host transmit data with the MISO signal.
The word length of the transferred data is fixed to 8 bits. The Most Significant Bit (MSB)
is sent first.
The AT77C104B supports only one phase and polarity configuration:
•
The clock’s idle level set to high (polarity 1)
•
The output data changed on the clock’s falling edge, and input data shifted in on the
clock’s rising edge (phase 0).
Figure 9. SPI Waveform (Phase = 0, Polarity = 1)
Note:
During initialization of the SCK wire (power-on or reset), SS/ has to be inactive (‘1’).
Recommendations
The SSS or FSS falling edge should be half a clock cycle before the first SCK falling
edge and the SSS or FSS rising edge should be half a clock cycle after the last SCK
rising edge.
SPI Behavior with
Hazardous Access
The control register block uses an internal finite state machine that can only be initial-
ized by the RST pin (asynchronous reset). When SPI access does not use 8 clock
pulses, the internal finite state machine is desynchronized. The only way to resynchro-
nize it is by resetting the sensor with the RST pin. No requester modification is recorded
when a write access is made on a read-only register. Reliable initialization of read-only
registers is not guaranteed when the slow SPI’s maximum clock frequency is not
respected.
SCK
MOSI/MISO
SS/
Emission
Reception
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com