Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC674LP3E Datasheet(PDF) 4 Page - Analog Devices

Part # HMC674LP3E
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LP3E Datasheet(HTML) 4 Page - Analog Devices

  HMC674LP3E Datasheet HTML 1Page - Analog Devices HMC674LP3E Datasheet HTML 2Page - Analog Devices HMC674LP3E Datasheet HTML 3Page - Analog Devices HMC674LP3E Datasheet HTML 4Page - Analog Devices HMC674LP3E Datasheet HTML 5Page - Analog Devices HMC674LP3E Datasheet HTML 6Page - Analog Devices HMC674LP3E Datasheet HTML 7Page - Analog Devices HMC674LP3E Datasheet HTML 8Page - Analog Devices HMC674LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
HMC674LC3C/HMC674LP3E
Data Sheet
Rev. K | Page 4 of 14
AC SPECIFICATIONS
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PROPAGATION DELAY (tPDL, tPD, tPDH)
80
85
110
ps
VOD = 500 mV
Temperature Coefficient
0.45
ps/°C
Skew (Rising to Falling Transition)
10
ps
VOD = 500 mV
VOD1 DISPERSION
10
ps
50 mV < VOD < 1 V
PROPAGATION DELAY (tPD) vs. INPUT COMMON-MODE VOLTAGE (VCM)
DISPERSION
8
ps
VOD = 500 mV,
−1.75 V < VCM < +1.75 V
NOISE (RETURN TO INPUT, RTI)
5.9
nV/√Hz
EQUIVALENT INPUT BANDWIDTH (BWEQ)2
8.6
9.3
12
GHz
JITTER
10 Gbps with ±100 mV overdrive
Deterministic
2
ps p-p
Random
0.2
ps rms
INPUT SIGNAL MINIMUM PULSE WIDTH
60
ps
VCM = 0 V, ±100 mV overdrive
Q/Q TIME
From 20% to 80%
Rise
24
ps
Fall
15
ps
1
VOD is the input overdrive voltage, for example, (VINP − VINN − VOS), where VOS is the input offset voltage.
2
Equivalent input bandwidth is calculated by
)
(
2
2
EQ
TRIN
TRCOMP
BW
−
0.22/
=
where:
TRIN is the 20%/80% transition time of a quasi Gaussian signal applied to the comparator input.
TRCOMP is the effective transition time digitized by the comparator.
POWER SUPPLY SPECIFICATIONS
Table 5.
Parameter
Symbol
Min
Typ
Max
Unit
VOLTAGE
Power Supply Voltage Input Stage
VCCI
3.135
3.3
3.465
V
Power Supply Voltage Output Stage
VCCO
1.8
3.3
3.465
V
Negative Power Supply (−3 V)
VEE
−3.15
−3.0
−2.85
V
CURRENT
Supply Input
ICCI
9
mA
Supply Output
ICCO
45
mA
VEE
IEE
19
mA
POWER DISSIPATION
PD
140
mW
POWER SUPPLY REJECTION RATIO
PSRR
VCCI
38
dB
VEE
38
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com