Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC674LP3E Datasheet(PDF) 9 Page - Analog Devices

Part # HMC674LP3E
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LP3E Datasheet(HTML) 9 Page - Analog Devices

Back Button HMC674LP3E Datasheet HTML 5Page - Analog Devices HMC674LP3E Datasheet HTML 6Page - Analog Devices HMC674LP3E Datasheet HTML 7Page - Analog Devices HMC674LP3E Datasheet HTML 8Page - Analog Devices HMC674LP3E Datasheet HTML 9Page - Analog Devices HMC674LP3E Datasheet HTML 10Page - Analog Devices HMC674LP3E Datasheet HTML 11Page - Analog Devices HMC674LP3E Datasheet HTML 12Page - Analog Devices HMC674LP3E Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
HMC674LC3C/HMC674LP3E
Rev. K | Page 9 of 14
TYPICAL PERFORMANCE CHARACTERISTICS
11
–1
1
3
5
7
9
0
10
30
20
40
50
60
70
80
90
100
OVERDRIVE VOLTAGE (mV)
RISING EDGE
FALLING EDGE
Figure 9. Dispersion vs. Overdrive Voltage
2.8
1.8
2.0
2.2
2.4
2.6
–45
–32
–6
–19
7
20
33
46
59
72
85
TEMPERATURE (°C)
VOH
VOL
Figure 10. Output Voltage vs. Temperature
15.0
–5.0
–2.5
0
5.0
10.0
2.5
7.5
12.5
–2.0
–1.5
–0.5
–1.0
0
0.5
1.0
1.5
2.0
COMMON-MODE VOLTAGE (V)
RISING EDGE
FALLING EDGE
Figure 11. Normalized Propagation Delay (tPD) vs. Common-Mode Voltage
15
0
5
10
100
1k
10k
RESISTANCE (Ω)
Figure 12. Comparator Hysteresis vs. RHYS Control Resistance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com