Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC674LP3E Datasheet(PDF) 7 Page - Analog Devices

Part # HMC674LP3E
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LP3E Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC674LP3E Datasheet HTML 3Page - Analog Devices HMC674LP3E Datasheet HTML 4Page - Analog Devices HMC674LP3E Datasheet HTML 5Page - Analog Devices HMC674LP3E Datasheet HTML 6Page - Analog Devices HMC674LP3E Datasheet HTML 7Page - Analog Devices HMC674LP3E Datasheet HTML 8Page - Analog Devices HMC674LP3E Datasheet HTML 9Page - Analog Devices HMC674LP3E Datasheet HTML 10Page - Analog Devices HMC674LP3E Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
HMC674LC3C/HMC674LP3E
Rev. K | Page 7 of 14
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
12
11
10
1
3
4
9
2
VTP
INP
INN
VTN
VCCO
Q
Q
VCCO
VEE
PACKAGE
BASE
NOTES
1. NIC = NOT INTERNALLY CONNECTED. CONNECT
THIS PIN TO GROUND FOR IMPROVED NOISE.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO VEE.
HMC674LC3C
TOP VIEW
(Not to Scale)
Figure 3. HMC674LC3C Pin Configuration
12
11
10
1
3
4
9
2
VTP
INP
INN
VTN
VCCO
Q
Q
VCCO
HMC674LP3E
TOP VIEW
(Not to Scale)
VEE
PACKAGE
BASE
NOTES
1. NIC = NOT INTERNALLY CONNECTED. CONNECT
THIS PIN TO GROUND FOR IMPROVED NOISE.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO VEE.
Figure 4. HMC674LP3E Pin Configuration
Table 8. HMC674LC3C/HMC674LP3E Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VTP
Termination Resistor Return Pin for VP Input. See Figure 5 for the interface schematic.
2
INP
Noninverting Analog Input. See Figure 5 for the interface schematic.
3
INN
Inverting Analog Input. See Figure 5 for the interface schematic.
4
VTN
Termination Resistor Return Pin for VN Input. See Figure 5 for the interface schematic.
5, 16
VCCI
Positive Supply Voltage Input Stage. See Figure 6 for the interface schematic.
6
LE
Latch Enable Input Pin, Inverting Side. See the Theory of Operation section for additional information. See
Figure 6 for the interface schematic.
7
LE
Latch Enable Input Pin, Noninverting Side. See the Theory of Operation section for additional information. See
Figure 6 for the interface schematic.
8
NIC
Not Internally Connected. Connect this pin to ground for improved noise.
9, 12
VCCO
Positive Supply Voltage for the Output Stage. See Figure 7 for the interface schematic.
10
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input, INP, is greater than the
analog voltage at the inverting input, INN, provided that the comparator is in track mode. See the Theory of
Operation section for additional information. See Figure 7 for the interface schematic.
11
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, INP, is greater than the
analog voltage at the inverting input, INN, provided that the comparator is in track mode. See the Theory of
Operation section for additional information. See Figure 7 for the interface schematic.
13
VEE
Negative Power Supply, −3 V. See Figure 6 for the interface schematic.
14
HYS
Hysteresis Control Pin. Leave this pin disconnected for zero hysteresis. Connect this pin to VEE with a resistor to add
the desired amount of hysteresis. See Figure 12 to determine the correct size of the RHYS hysteresis control resistor.
See Figure 8 for the interface schematic.
15
RTN
Return for ESD Protection.
EPAD
Exposed Pad. The exposed pad must be connected to VEE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com