Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC674LP3E Datasheet(PDF) 1 Page - Analog Devices

Part # HMC674LP3E
Description  9.3 GHz Latched Comparator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC674LP3E Datasheet(HTML) 1 Page - Analog Devices

  HMC674LP3E Datasheet HTML 1Page - Analog Devices HMC674LP3E Datasheet HTML 2Page - Analog Devices HMC674LP3E Datasheet HTML 3Page - Analog Devices HMC674LP3E Datasheet HTML 4Page - Analog Devices HMC674LP3E Datasheet HTML 5Page - Analog Devices HMC674LP3E Datasheet HTML 6Page - Analog Devices HMC674LP3E Datasheet HTML 7Page - Analog Devices HMC674LP3E Datasheet HTML 8Page - Analog Devices HMC674LP3E Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
9.3 GHz Latched Comparator
with RSPECL Output Stage
Data Sheet
HMC674LC3C/HMC674LP3E
Rev. K
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2016 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Equivalent input bandwidth: 9.3 GHz typical
Propagation delay: 85 ps typical
Overdrive and slew rate dispersion: 10 ps typical
Input signal minimum pulse width: 60 ps typical
Resistor programmable hysteresis
Differential latch control
Power dissipation: 140 mW typical
16-terminal, 3 mm × 3 mm, ceramic leadless chip carrier (LCC)
16-lead lead frame chip scale package (LFCSP)
APPLICATIONS
Automatic test equipment (ATE) applications
High speed instrumentation
Digital receiver systems
Pulse spectroscopy
High speed trigger circuits
Clock and data restoration
FUNCTIONAL BLOCK DIAGRAM
12
11
10
1
3
4
9
2
VTP
50Ω
50Ω
INP
INN
VTN
VCCO
Q
Q
VCCO
VEE
PACKAGE
BASE
HMC674LC3C/HMC674LP3E
Figure 1. HMC674LC3C/HMC674LP3E Functional Block Diagram
GENERAL DESCRIPTION
The HMC674LC3C/HMC674LP3E are silicon germanium
(SiGe), monolithic, ultrafast comparators that feature reduced
swing positive emitter-coupled logic (RSPECL) output drivers
and latch inputs. These comparators support 10 Gbps operation
and provide 85 ps propagation delay and an input signal
minimum pulse width of 60 ps with 0.2 ps rms of random jitter
(RJ). Overdrive and slew rate dispersion is typically 10 ps, making
the HMC674LC3C/HMC674LP3E ideal for a wide range of
applications from ATE to broadband communications. The
RSPECL output stages directly drive 400 mV into a 50 Ω resistor
terminated to VTT = (VCCO − 2.0 V), where VTT is the PECL
termination voltage (see Figure 16). The HMC674LC3C/
HMC674LP3E feature a high speed latch and programmable
hysteresis. These devices can operate in either latch mode or as
a tracking comparator.


Similar Part No. - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC674LP3E HITTITE-HMC674LP3E Datasheet
492Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
More results

Similar Description - HMC674LP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC675LP3E HITTITE-HMC675LP3E Datasheet
678Kb / 8P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LP3E HITTITE-HMC676LP3E Datasheet
675Kb / 8P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC674LC3C HITTITE-HMC674LC3C Datasheet
555Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC674LP3E HITTITE-HMC674LP3E Datasheet
492Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSPECL OUTPUT STAGE
HMC675LC3C HITTITE-HMC675LC3C Datasheet
482Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E_1109 HITTITE-HMC675LP3E_1109 Datasheet
509Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC676LC3C HITTITE-HMC676LC3C Datasheet
550Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
HMC676LP3E_1109 HITTITE-HMC676LP3E_1109 Datasheet
593Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSECL OUTPUT STAGE
logo
Analog Devices
HMC675LC3C AD-HMC675LC3C Datasheet
561Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
HMC675LP3E AD-HMC675LP3E Datasheet
549Kb / 10P
10 GHz LATCHED COMPARATOR WITH RSCML OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com