Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R87B Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # R87B
Description  Comprehensive Lineup of Single, Double, and Triple Axial Fans with Easy One-step Mounting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87B Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button R87B Datasheet HTML 3Page - Omron Electronics LLC R87B Datasheet HTML 4Page - Omron Electronics LLC R87B Datasheet HTML 5Page - Omron Electronics LLC R87B Datasheet HTML 6Page - Omron Electronics LLC R87B Datasheet HTML 7Page - Omron Electronics LLC R87B Datasheet HTML 8Page - Omron Electronics LLC R87B Datasheet HTML 9Page - Omron Electronics LLC R87B Datasheet HTML 10Page - Omron Electronics LLC R87B Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
Optional Parts
R87B-N
@/R87B-PF
R87B-PF01 (Replacement Filter)
Ratings and Ordering Information
Filter Performance
• Pay careful attention to clogging in the filter. A clogged filter will
prevent the Fan from providing a cooling effect.
Replacing the Filter
1. Turn OFF the power, wait approximately one minute, and then
open the cover. Remove the filter, replace it with a new filter, close
the cover, and then firmly tighten the handle screw. This
completes the filter replacement.
2. As a general guide to the replacement frequency, check the color
of the filter regularly and replace it when the color shows a
noticeable change.
3. It is recommended that the filter be replaced soon after the color
changes noticeably in order to maintain the Fan's performance.
(Replacement Filter: R87B-PF01)
R87B-N
@ (Attachment)
Single Box
Triple Box
Double Box
Note: The panel cut-out dimensions are the same as those for the Box Fan.
180±0.3
170±0.1
157
180±0.3
Two, 6-dia.
holes
8.6
18.4
430±0.5
394.2
420±0.5
158 max.
180±0.3
170±0.3
Four,
6-dia.
holes
8.6
18.4
305±0.4
258.2
295±0.4
158 max.
180±0.3
170±0.3
Four,
6-dia.
holes
8.6
18.4
Ratings and Ordering Information
Model
Item
Type
Weight
R87B-N
Single
Approx. 570 g
R87B-N2
Double
Approx. 1,100 g
R87B-N3
Triple
Approx. 1,700 g
Model
Item
Qty.
Weight
(grams per filter)
R87B-PF01
26
10
10
129
140
Heat
resistance
(
°C)
Filtration
wind
velocity
(m/s)
Pressure drop (Pa)
Dust
removal
(%)
Dust
suction
amount
(g/mm2)
Initial
Final
100
2.5
49
70
70 min.
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com