Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R87B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # R87B
Description  Comprehensive Lineup of Single, Double, and Triple Axial Fans with Easy One-step Mounting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87B Datasheet(HTML) 2 Page - Omron Electronics LLC

  R87B Datasheet HTML 1Page - Omron Electronics LLC R87B Datasheet HTML 2Page - Omron Electronics LLC R87B Datasheet HTML 3Page - Omron Electronics LLC R87B Datasheet HTML 4Page - Omron Electronics LLC R87B Datasheet HTML 5Page - Omron Electronics LLC R87B Datasheet HTML 6Page - Omron Electronics LLC R87B Datasheet HTML 7Page - Omron Electronics LLC R87B Datasheet HTML 8Page - Omron Electronics LLC R87B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
R87B
2
Ratings and Ordering Information
Note: The rated current is the total for all fans.
* The compliant standards and certified standards apply to the listed Axial Fans.
Safety Precautions
Refer to Safety Precautions for All Axial Fans.
Item
Model
R87B-F
R87B-T
Motor type
Single-phase shading coil induction motor (2-pole, open type)
Terminal type
Terminals
Insulation class
IEC class B (130
°C)
UL class A (105
°C)
CSA class A (105
°C)
IEC class B (130
°C)
UL class A (105
°C)
Insulation resistance
100 M
Ω min. (at 500 VDC)
Between all power supply connection parts and non-current carrying metal parts
Dielectric strength
2,000 VAC for 1 min
Between all power supply connection parts and non-current carrying metal parts
Ambient operating temperature
−30 to 70°C (with no icing)
−20 to 70°C (with no icing)
Storage temperature
−40 to 85°C (with no icing)
Ambient humidity
25% to 85%
Protection
Impedance protection
Materials
Frame
Die-cast aluminum
Blades
Glass polycarbonate
Steel plate (black coating)
Bearings
Ball bearings
Compliant standards*
PSE, EN/IEC 60335 (CE self-declaration)
Certified standards*
UL/CSA
UL
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com