Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R87B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # R87B
Description  Comprehensive Lineup of Single, Double, and Triple Axial Fans with Easy One-step Mounting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87B Datasheet(HTML) 1 Page - Omron Electronics LLC

  R87B Datasheet HTML 1Page - Omron Electronics LLC R87B Datasheet HTML 2Page - Omron Electronics LLC R87B Datasheet HTML 3Page - Omron Electronics LLC R87B Datasheet HTML 4Page - Omron Electronics LLC R87B Datasheet HTML 5Page - Omron Electronics LLC R87B Datasheet HTML 6Page - Omron Electronics LLC R87B Datasheet HTML 7Page - Omron Electronics LLC R87B Datasheet HTML 8Page - Omron Electronics LLC R87B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Box Fan
R87B
Comprehensive Lineup of Single,
Double, and Triple Axial Fans with
Easy One-step Mounting
• Mounts in a square cutout and conceals the hole-cut to
simplify installation work.
• Cover can be set to open either upward or downward for
convenience in confined spaces.
• Enhanced accessories (finger guard, filter, plug cord,
mounting screws).
• Optional Replacement Filter and Vent Attachment.
• The lineup includes Single, Double, and Triple Box Fans
with eight models with plastic blades and eight models with
metal blades.
Model Number Structure
Model Number Legend
Attachment
Options and Accessories
Note: These tables show only how to read model numbers. They do
not indicate which products are available.
Refer to “Ratings and Ordering Information” when placing an
order.
* “In” is the direction of external air flowing in.
“Out” is the direction of internal air flowing out.
Ordering Information
Refer to Safety Precautions for All Axial Fans.
Number
Category
Symbol
Meaning of symbol
1
Fan
(blade
material)
F
T
N
R87F Axial Fan (with plastic blades)
R87T Axial Fan (with metal blades)
No fan
Optional parts
P
Options and accessories
2
Power supply
classification
A1
A3
A4
A6
100 VAC
115 VAC
200 VAC
230 VAC
3
Speed
classification
H
M
L
High speed
Middle speed
Low speed
4
Airflow
direction
*
None
R
In
Out
5
Number of fans
None
2
3
1
2
3
6
Part type
F
Filter
7
Reference
number
01
---
1
2
34 5
R87B-
@@@A15@PF@@
1 5
R87B-N
@
1
7
6
R87B-P
@@@
Type
Number
of fans
Model
Accessories
Plastic blades
High speed
1
R87B-FA
@A15HPF(R)
Filter
Finger guard
Plug cord
Mounting bolts
2
R87B-FA
@A15HPF(R)2
3
R87B-FA
@A15HPF(R)3
Plastic blades
Low speed
1
R87B-FA
@A15LPF(R)
2
R87B-FA
@A15LPF(R)2
3
R87B-FA
@A15LPF(R)3
Metal blades
High speed
1
R87B-TA
@A15HPF(R)
2
R87B-TA
@A15HPF(R)2
3
R87B-TA
@A15HPF(R)3
Metal blades
Medium
speed
1
R87B-TA
@A15MPF(R)
2
R87B-TA
@A15MPF(R)2
3
R87B-TA
@A15MPF(R)3
Attachment
For 1
R87B-N
Filter
Finger guard
Mounting screws
For 2
R87B-N2
For 3
R87B-N3
Replacement
Filter
Any
R87B-PF01
Set of two filters
CSM_R87B_DS_E_4_3


Similar Part No. - R87B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
R87B-FA3A15HPF OMRON-R87B-FA3A15HPF Datasheet
32Kb / 2P
Single-phase shading coil induction motor (2-pole, open type)
R87BFA3A15HPFR OMRON-R87BFA3A15HPFR Datasheet
32Kb / 2P
Single-phase shading coil induction motor (2-pole, open type)
More results

Similar Description - R87B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9440 INTERSIL-ISL9440 Datasheet
979Kb / 20P
Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
December 5, 2007
logo
ETRI
98XC0182000 ETRI-98XC0182000_1 Datasheet
182Kb / 1P
AC Axial Fans
99XM0182000 ETRI-99XM0182000 Datasheet
216Kb / 1P
AC Axial Fans
113XN0182000 ETRI-113XN0182000 Datasheet
155Kb / 1P
AC Axial Fans
126LH0181000 ETRI-126LH0181000 Datasheet
172Kb / 1P
AC Axial Fans
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
logo
Intersil Corporation
ISL9440AEVAL1Z INTERSIL-ISL9440AEVAL1Z Datasheet
1Mb / 11P
Triple PWM Step-Down Synchronous Buck Controller and One LDO
March 5, 2010
ISL9440BEVAL1Z INTERSIL-ISL9440BEVAL1Z Datasheet
1Mb / 14P
Triple PWM Step-Down Synchronous Buck Controller and One LDO
September 25, 2009
ISL9440CEVAL1Z INTERSIL-ISL9440CEVAL1Z Datasheet
1,020Kb / 11P
Triple PWM Step-Down Synchronous Buck Controller and One LDO
June 30, 2009
logo
Renesas Technology Corp
ISL9440 RENESAS-ISL9440 Datasheet
1Mb / 20P
Triple, 180째 Out-of-Phase, Step-Down PWM and Single Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com