Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R87B Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # R87B
Description  Comprehensive Lineup of Single, Double, and Triple Axial Fans with Easy One-step Mounting
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87B Datasheet(HTML) 5 Page - Omron Electronics LLC

  R87B Datasheet HTML 1Page - Omron Electronics LLC R87B Datasheet HTML 2Page - Omron Electronics LLC R87B Datasheet HTML 3Page - Omron Electronics LLC R87B Datasheet HTML 4Page - Omron Electronics LLC R87B Datasheet HTML 5Page - Omron Electronics LLC R87B Datasheet HTML 6Page - Omron Electronics LLC R87B Datasheet HTML 7Page - Omron Electronics LLC R87B Datasheet HTML 8Page - Omron Electronics LLC R87B Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
Double Box Fan
R87B-
@A@A15@PF(R)2
Ratings and Ordering Information
Airflow Direction: In
Note: An asterisk (*) indicates a nominal value.
Airflow Direction: Out
Note: An asterisk (*) indicates a nominal value.
• The data in this table comes from measurements that were taken with the filter and cover attached.
• The model number of the AC Axial Fan in the Box Fan can be determined from the model number of the Box Fan as follows:
Item
Rated
voltage
(V)
Permitted
voltage
fluctuation
range (%)
Frequency
(Hz)
Rated
rotational
speed (r/min)
*
Maximum
flow rate
(m3/min)
*
Maximum
static pressure
(Pa)
*
Noise
(dB)
*
Weight
Model
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
R87B-FA1A15HPF2
100
85% to
110% rated
voltage
50/60
2,700
3,100
2.6
3.0
86
48
55
56
Approx.
2,220 g
R87B-FA3A15HPF2
115
R87B-FA4A15HPF2
200
R87B-FA6A15HPF2
230
R87B-FA1A15LPF2
100
85% to
110% rated
voltage
50/60
2,100
2,200
2.0
2.1
47
44
45
46
R87B-FA3A15LPF2
115
R87B-FA4A15LPF2
200
R87B-FA6A15LPF2
230
R87B-TA1A15HPF2
100
85% to
110% rated
voltage
50/60
2,650
3,000
2.4
2.7
68
63
49
52
Approx.
2,260 g
R87B-TA3A15HPF2
115
R87B-TA4A15HPF2
200
R87B-TA6A15HPF2
230
R87B-TA1A15MPF2
100
85% to
110% rated
voltage
50/60
2,300
2,600
1.6
1.9
41
43
44
47
R87B-TA3A15MPF2
115
R87B-TA4A15MPF2
200
R87B-TA6A15MPF2
230
Item
Rated
voltage
(V)
Permitted
voltage
fluctuation
range (%)
Frequency
(Hz)
Rated
rotational
speed (r/min)
*
Maximum
flow rate
(m3/min)
*
Maximum
static pressure
(Pa)
*
Noise
(dB)
*
Weight
Model
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
50 Hz
60 Hz
R87B-FA1A15HPFR2
100
85% to
110% rated
voltage
50/60
2,700
3,100
2.6
3.0
86
48
55
56
Approx.
2,220 g
R87B-FA3A15HPFR2
115
R87B-FA4A15HPFR2
200
R87B-FA6A15HPFR2
230
R87B-FA1A15LPFR2
100
85% to
110% rated
voltage
50/60
2,100
2,200
2.0
2.1
47
44
45
46
R87B-FA3A15LPFR2
115
R87B-FA4A15LPFR2
200
R87B-FA6A15LPFR2
230
R87B-TA1A15HPFR2
100
85% to
110% rated
voltage
50/60
2,650
3,000
2.4
2.7
68
63
49
52
Approx.
2,260 g
R87B-TA3A15HPFR2
115
R87B-TA4A15HPFR2
200
R87B-TA6A15HPFR2
230
R87B-TA1A15MPFR2
100
85% to
110% rated
voltage
50/60
2,300
2,600
1.6
1.9
41
43
44
47
R87B-TA3A15MPFR2
115
R87B-TA4A15MPFR2
200
R87B-TA6A15MPFR2
230
R87B-FA1A15HPF
→R87F-A1A15HP
The model number of the Axial Fan can be determined by extracting the underlined portions from the model number of the Box Fan as shown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com