Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3138D2PWPR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3138D2PWPR
Description  10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3138D2PWPR Datasheet(HTML) 3 Page - Texas Instruments

  TPA3138D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
1
NC
28
PVCCL
2
SD/FAULT
27
PVCCL
3
LINP
26
BSPL
4
LINN
25
OUTPL
5
GAIN_SEL
24
GND
6
MODE_SEL
23
OUTNL
7
AVCC
22
BSNL
8
GND
21
BSNR
9
GVDD
20
OUTNR
10
PLIMIT
19
GND
11
RINN
18
OUTPR
12
RINP
17
BSPR
13
NC
16
PVCCR
14
AGND
15
PVCCR
Not to scale
Thermal
Pad
3
TPA3138D2
www.ti.com
SLOS993A – MARCH 2018 – REVISED JUNE 2018
Product Folder Links: TPA3138D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Device Comparison Table
Product
Supply Voltage
Modulation Scheme
Package
Rdson
Gain
Inductor Free
TPA3138D2
3.5-V to 14.4-V
BD, 1SPW
HTSSOP-28
180-mΩ
20-dB, 26-dB
YES
TPA3110D2
8-V to 26-V
BD
HTSSOP-28
240-mΩ
20-dB, 26-dB, 32-dB, 36-dB
NO
TPA3136D2
4.5-V to 14.4-V
BD
HTSSOP-28
240-mΩ
26-dB
YES
TPA3136AD2
8-V to 14.4-V
BD
HTSSOP-28
240-mΩ
26-dB
YES
(1)
I = Input, O = Output, IO = Input and Output, P = Power
6 Pin Configuration and Functions
PWP Package
28-Pin HTSSOP
(Top View)
Pin Functions
PIN
I/O/P(1)
DESCRIPTION
NAME
NO.
NC
1
–
No Connect Pin. Can be shorted to PVCC or shorted to GND or left open.
SD/FAULT
2
IO
TTL logic levels with compliance to AVCC. Shutdown logic input for audio amp (LOW , outputs Hi-Z;
HIGH , outputs enabled). General fault reporting including Over-Temp, Over-Current, DC Detect.
SD/FAULT= High, normal operation, SD/FAULT= Low, fault condition Device will auto-recover once
the OT/OC/DC Fault has been removed.
LINP
3
I
Positive audio input for left channel. Biased at 2.5 V. Connect to GND for PBTL mode.
LINN
4
I
Negative audio input for left channel. Biased at 2.5 V. Connect to GND for PBTL mode.
GAIN_SEL
5
I
Gain select least significant bit. TTL logic levels with compliance to AVDD. Low = 20 dB Gain, High =
26 dB Gain, Floating = 26 dB Gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com