Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3138D2PWPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3138D2PWPR
Description  10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3138D2PWPR Datasheet(HTML) 4 Page - Texas Instruments

  TPA3138D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
TPA3138D2
SLOS993A – MARCH 2018 – REVISED JUNE 2018
www.ti.com
Product Folder Links: TPA3138D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O/P(1)
DESCRIPTION
NAME
NO.
MODE_SEL
6
I
Mode select least significant bit. TTL logic levels with compliance to AVDD. Low = BD Mode/UV
Threshold = 7.5 V, High = Low-Idle-Current 1SPW Mode/UV Threshold = 3.4V, Floating = Low-Idle-
Current 1SPW Mode/UV threshold = 3.4V
AVCC
7
P
Analog supply.
GND
8
–
Analog signal ground.
GVDD
9
O
FET gate drive supply. Nominal voltage is 5 V.
PLIMIT
10
I
Power limiter level control. Connect a resistor divider from GVDD to GND to set power limit. Connect
directly to GVDD for no power limit.
RINN
11
I
Negative audio input for right channel. Biased at 2.5 V.
RINP
12
I
Positive audio input for right channel. Biased at 2.5 V.
NC
13
–
No Connect Pin. Can be shorted to PVCC or shorted to GND or left open.
AGND
14
–
Analog signal ground. Connect to the thermal pad.
PVCCR
15, 16
P
Power supply for right channel H-bridge. Right channel and left channel power supply inputs are
connected internally.
BSPR
17
P
Bootstrap supply (BST) for right channel, positive high-side FET.
OUTPR
18
O
Class-D H-bridge positive output for right channel.
GND
19
–
Power ground for the H-bridges.
OUTNR
20
O
Class-D H-bridge negative output for right channel.
BSNR
21
P
Bootstrap supply (BST) for right channel, negative high-side FET.
BSNL
22
P
Bootstrap supply (BST) for left channel, negative high-side FET.
OUTNL
23
O
Class-D H-bridge negative output for left channel.
GND
24
–
Power ground for the H-bridges.
OUTPL
25
O
Class-D H-bridge positive output for left channel.
BSPL
26
P
Bootstrap supply (BST) for left channel, positive high-side FET.
PVCCL
27, 28
P
Power supply for left channel H-bridge. Right channel and left channel power supply inputs are
connected internally.
Thermal Pad
–
Connect to GND for best thermal and electrical performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com