Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3138D2PWPR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3138D2PWPR
Description  10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3138D2PWPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA3138D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 9Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 10Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 11Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
Supply Voltage (V)
7
8
9
10
11
12
13
14
15
16
0
2
4
6
8
10
12
14
16
18
20
10
D005
D005
THD+N=1%
THD+N=10%
Supply Voltage (V)
7
8
9
10
11
12
13
14
15
16
0
2
4
6
8
10
12
14
16
18
20
10
D006
D006
THD+N=1%
THD+N=10%
Output Power (W)
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
2
3
5
10
0.01
0.1
1
10
D003
D003
f= 20Hz
f= 1kHz
Output Power (W)
0.01
0.02
0.03
0.05
0.1
0.2
0.3
0.5
1
2
3
5
10
0.01
0.1
1
10
D004
D004
f= 20Hz
f= 1kHz
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D001
D001
P O=1W
PO =2.5W
PO=5W
Frequency (Hz)
0.001
0.01
0.1
1
10
100
1k
10k
20
20k
D004
D001
D002
P O=1W
PO =2.5W
PO=5W
8
TPA3138D2
SLOS993A – MARCH 2018 – REVISED JUNE 2018
www.ti.com
Product Folder Links: TPA3138D2
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
7.7 Typical Characteristics
All measurements taken at audio frequency = 1 kHz, closed-loop gain = 26 dB, BD mode, T A= 25°C, AES17 filter using the
TPA3138D2EVM, unless otherwise noted.
AVCC=PVCC = 12 V, Load = 6 Ω + 47 µH, 1 W, 2.5 W, 5 W
Figure 1. THD+N vs Frequency (BTL)
AVCC=PVCC = 13 V, Load = 8 Ω + 66 µH, 1 W, 2.5 W, 5 W
Figure 2. THD+N vs Frequency (BTL)
AVCC=PVCC = 12 V, Load = 6 Ω + 47 µH, 20 Hz, 1 kHz
Figure 3. THD+N vs Output Power (BTL)
AVCC=PVCC = 13 V, Load = 8 Ω + 66 µH, 20 Hz, 1 kHz
Figure 4. THD+N + Noise vs Output Power (BTL)
AVCC=PVCC = 7.5 V to 15 V, Load = 6 Ω + 47 µH
Figure 5. Output Power vs Supply Voltage (BTL)
AVCC=PVCC = 7.5 V to 15 V, Load = 8 Ω + 66 µH
Figure 6. Output Power vs Supply Voltage (BTL)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com