Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA3138D2PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA3138D2PWPR
Description  10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA3138D2PWPR Datasheet(HTML) 1 Page - Texas Instruments

  TPA3138D2PWPR Datasheet HTML 1Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 2Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 3Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 4Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 5Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 6Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 7Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 8Page - Texas Instruments TPA3138D2PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Audio
Source
And Control
RIGHT
LEFT
TPA3138D2
PLIMIT
MOD_SEL
SD/FAULT
Power Limit
Modulation Schemes/UV Level Select
PVCC/AVCC
Power Supply
3.5V t 14.4V
FB
FB
GAIN_SEL
20dB/26dB GAIN Select
PBTL
DETECT
20.50 mm
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPA3138D2
SLOS993A – MARCH 2018 – REVISED JUNE 2018
TPA3138D2 10-W, 3.5-V to 14.4-V, Inductor Free, Stereo Class-D Speaker Amplifier
1
1 Features
1
•
Wide Supply Range 3.5-V to 14.4-V
–
2 × 10 W into 6-Ω, 1% THD+N, 12-V Supply
–
1 x 18.5 W into 4-Ω, 10% THD+N, 12-V Supply
–
THD+N : 0.04% at 1 W, 1 kHz input, 6-Ω
•
Longer Battery Life for Portable Applications:
–
20-mA (12-V) Idle Current in 1SPW Mode
–
>90% Class-D Efficiency
•
Reduced Solution Size and Cost:
–
Inductor-Free Operation
–
EN55013 and EN55022 EMC Compliant When
No Inductors are Used
–
No External Heatsink Required
•
Flexible Audio Solution:
–
Single-ended or Differential Analog Inputs
–
Selectable Gain: 20 dB and 26 dB
–
Pop and Click-Free Startup
•
Integrated Protections and Auto Recovery:
–
Pin-to-pin, Pin-to-Ground, and Pin-to-Power
Short Circuit Protection
–
Thermal Protection, Undervoltage Protection,
and Overvoltage Protection
–
Power Limiter and DC Speaker Protection
•
Pin-to-Pin Compatible with TPA3110D2,
TPA3136D2 and TPA3136AD2
2 Applications
•
Televisions and Monitors
•
Bluetooth® Speakers and Wireless Speakers
•
Audio Amplifiers in Smart Appliance
•
Audio Speakers in Internet of Things
•
Consumer Audio Equipment
3 Description
The TPA3138D2 is a 10-W/ch, high-efficiency, low-
idle-current Class-D stereo audio amplifier. It can
drive stereo speakers with a load as low as 3.2-Ω. In
the 1SPW mode, it consumes a low idle current of
only 21-mA (12-V) and can operate down to 3.5-V,
allowing for longer audio play and improved thermal
performance in bluetooth speakers, battery-powered
appliances and other power-sensitive applications.
Advanced EMI Suppression with Spread Spectrum
Control enables the use of inexpensive ferrite bead
filters while meeting EMC requirements for system
cost reduction.
To further simplify the design, the TPA3138D2
integrates essential protection features including
undervoltage, overvoltage, power limit, short circuit,
overtemperature, as well as DC speaker protection.
All
of
these
protections
come
with
automatic
recovery.
Customers can leverage every TPA3138D2 feature in
existing designs as it is fully pin-to-pin compatible to
TI's TPA3110D2, TPA3136D2 and TPA3136AD2.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPA3138D2
HTSSOP (28)
9.70 mm × 4.40 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
TPA3138 Layout with Ferrite Beads


Similar Part No. - TPA3138D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3138D2PWPR TI1-TPA3138D2PWPR Datasheet
970Kb / 35P
10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
More results

Similar Description - TPA3138D2PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA032D02 TI-TPA032D02 Datasheet
329Kb / 23P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3008D2 TI-TPA3008D2_07 Datasheet
731Kb / 29P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3125D2N TI-TPA3125D2N Datasheet
388Kb / 26P
10-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3131D2 TI1-TPA3131D2 Datasheet
1Mb / 35P
25-W Filter-Free Class-D Stereo Amplifier
TPA3140D2 TI1-TPA3140D2 Datasheet
1Mb / 40P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3144D2 TI1-TPA3144D2 Datasheet
1Mb / 40P
6-W Inductor Free Stereo (BTL) Class-D Audio Amplifier
TPA3136D2 TI1-TPA3136D2 Datasheet
1Mb / 35P
TPA3136D2 10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3136D2 TI1-TPA3136D2_17 Datasheet
1Mb / 35P
10-W Inductor Free Stereo (BTL) Class-D Audio Amplifier with Ultra Low EMI
TPA3138D2 TI1-TPA3138D2 Datasheet
970Kb / 35P
10-W, 3.5-V to 14.4-V, Inductor Less, Analog Input, Stereo, Class-D Audio Amplifier with Ultra Low EMI
TPA3139D2 TI1-TPA3139D2 Datasheet
2Mb / 39P
TPA3139D2 10-W Stereo, 3.5-V to 14.4-V, Low-Idle-Current, Inductor Free Class D Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com