Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OL2385SWUG Datasheet(PDF) 17 Page - NXP Semiconductors

Part # OL2385SWUG
Description  SIGFOX software driver
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

OL2385SWUG Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button OL2385SWUG Datasheet HTML 13Page - NXP Semiconductors OL2385SWUG Datasheet HTML 14Page - NXP Semiconductors OL2385SWUG Datasheet HTML 15Page - NXP Semiconductors OL2385SWUG Datasheet HTML 16Page - NXP Semiconductors OL2385SWUG Datasheet HTML 17Page - NXP Semiconductors OL2385SWUG Datasheet HTML 18Page - NXP Semiconductors OL2385SWUG Datasheet HTML 19Page - NXP Semiconductors OL2385SWUG Datasheet HTML 20Page - NXP Semiconductors OL2385SWUG Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 64 page
background image
NXP Semiconductors
OL2385SWUG
SIGFOX software driver
OL2385SWUG
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
User guide
Rev. 2.1 — 6 April 2018
17 / 64
3. Connect the Standard A end of the supplied USB cable to a Windows host PC.
Connect the Mini B to the FRDM-KL43Z USB port labeled SDA (J13).
Figure 14. Connecting the hardware
The OM2385/SF001 is now ready to be configured for use with the SIGFOX network.
5.4.1.3 Setting up terminal program
1. Plug one end of a mini USB cable to the SDA USB port on the board. Plug the other
end of the cable to a PC. See Figure 14.
2. For the first time, install drivers for this device on a PC. Install PEDrivers_install.exe
downloaded from the page www.pemicro.com/opensda/.
3. If the device has an updated bootloader installed in it already, it will be shown
detected as a removable device on windows PC labeled as FRDM-KL43Z as shown in
Figure 15. If the bootloader is not installed, follow steps given in Quick Start Guide for
FRDM-KL43Z (www.nxp.com/FRDM-KL43Z) to update bootloader.
4. If the KL43Z is not preflashed with a srec file, download the file from the web else
move to next step. Now drag the file into this removable drive as shown above. Do not
open the removable drive and copy-paste, but just drag the file on top of it. Press copy
and replace, if you are updating the software.
5. Press the reset button located between the two USB ports to let the device accept and
run the updated software inside the KL43Z.
6. Install and open a terminal software like Tera Term with the settings as shown in
Figure 15. Use the OpenSDA com port number, which you can get from the Windows
Device Manager program. Press and hold (or right-click) the
Start button, then select
Device Manager from the context menu. In the Device Manager, click on Ports (COM
& LPT). Under OpenSDA – CDC Serial Port, note the COM port number. You can set
these settings on the
Setup menu of the terminal program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com