| Electronic Components Datasheet Search |
|
OL2385SWUG Datasheet(PDF) 37 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG Datasheet(HTML) 37 Page - NXP Semiconductors |
|
37 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 37 / 64 7.2 OL2385 Transceiver Initialization Sequence After you have set up the KL43Z board according to Section 5.4.1 "Setting up KL43Z board with terminal program", you are now ready to use the terminal to control the OL2385 board. In order to do so, the following sections have to be understood. Figure 26. SPI commands to control OL2385 7.2.1 Mandatory initialization sequence The following sequence of commands is a mandatory initialization sequence that must be executed after power-on/reset of the OL2385 board. 7.2.1.1 Wakeup from low-power mode A Send wakeup command has to be sent to the device first after any kind of software device reset, power on/off reset or battery-on reset. By default, the device goes immediately to low-power SLEEP mode after any of these resets or after the explicit SPI command Send to sleep. The CS pin of the SPI interface is the wakeup pin and has to be driven low by the MCU to wake the device up. This is done by a Send wakeup command, including two bytes transfer as per SPI protocol. This has to be done only once after the reset until the next reset. Once done until the next reset, other commands can be used. Note: Before proceeding to the low-power mode, OL2385 configures all of its pins to a pulled-down configuration, except for CS and ACK pins of SPI—these pins are pulled high. For the low-power mode to work properly without any leakage current, it is important to have the same settings of the pins on the MCU side. All pins on the MCU should be pulled low and only CS and ACK should be high. Note: The Send Wakeup command does not return an acknowledgment RX frame back. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |