| Electronic Components Datasheet Search |
|
OL2385SWUG Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
OL2385SWUG Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 64 page ![]() NXP Semiconductors OL2385SWUG SIGFOX software driver OL2385SWUG All information provided in this document is subject to legal disclaimers. © NXP B.V. 2018. All rights reserved. User guide Rev. 2.1 — 6 April 2018 7 / 64 uC Wakes up OL2385 from sleep mode Command processing aaa-027268 Ack Ack (x number of bytes)1 I-Frame (x number of bytes)1 Wakeup (2 bytes) Protocol reapeats in similar fashion OL2385 Sigfox Base station Figure 6. Message Sequence Chart SPI protocol 4.2 Button pressed based interface To be implemented fully in software 4.3 UART interface To be implemented fully in software 5 Setting up the hardware The connection of any OL2385 board with any microcontroller is based on connecting the SPI pins, power supply pins and RESET pin. The positions of SPI pins on OL2385 is fixed and explained in the following sections. The positions of SPI and power pins on any other microcontroller board has to be read out from its corresponding user guide. An example of such connection with KL43Z pins is given below. The NXP reference design is based on the Arduino style of pin layout. Therefore, NXP reference design boards can be plugged directly on top of a KL43Z board as shown in Figure 11. The SPI, RESET and Power pins will match automatically. If your microcontroller is not Arduino style, you will have to connect the pins of the OL2385 with wires to your microcontroller's corresponding pins. 5.1 Overview of the OM2385/FS001 development kit The OM2385/FS001 development kit provides an evaluation platform for designing SIGFOX network applications that use NXP's OL2385 single-chip RF transceiver. The kit consists of three boards: an OL2385 shield board, OL2385 reference design board and FRDM-KL43Z board. The OL2385 reference design board is permanently affixed to the surface of the OL2385 Shield Board. The reference design board contains an embedded OL2385 transceiver and serves as a wireless modem. When connected to an antenna, included in the kit, the board provides all the functionality required to communicate with the SIGFOX network. The OL2385 shield board contains connectors for external communication. The Shield Board is mounted by means of four Arduino connectors to the FRDM-KL43Z. The FRDM-KL43Z acts as the communication |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |